Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V20E625P Datasheet(PDF) 1 Page - Littelfuse

Part # V20E625P
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V20E625P Datasheet(HTML) 1 Page - Littelfuse

  V20E625P Datasheet HTML 1Page - Littelfuse V20E625P Datasheet HTML 2Page - Littelfuse V20E625P Datasheet HTML 3Page - Littelfuse V20E625P Datasheet HTML 4Page - Littelfuse V20E625P Datasheet HTML 5Page - Littelfuse V20E625P Datasheet HTML 6Page - Littelfuse V20E625P Datasheet HTML 7Page - Littelfuse V20E625P Datasheet HTML 8Page - Littelfuse V20E625P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UltraMOVVaristor Series
®
V
DE
®
The UltraMOV Metal Oxide Varistor Series is designed for applications
requiring high peak surge current ratings and high energy absorption
capability. UltraMOV varistors are primarily intended for use in AC Line
Voltage applications such as Transient Voltage Surge Suppressors
(TVSS), Uninterruptable Power Supplies (UPS), AC Power Taps, AC
Power Meters, or other products that require voltage clamping of high
transient surge currents from sources such as lightning, inductive load
switching, or capacitor bank switching.
These devices are produced in radial lead package sizes of 7, 10, 14,
and 20mm and offered in a variety of lead forms. UltraMOVs are
manufactured with recognized epoxy encapsulation and are rated for
ambient temperatures up to 85oC with no derating. This Series is
LASER-branded and is supplied in bulk, ammo pack (fan-fold), or tape
and reel packaging.
Features
• Lead-free and RoHS compliant option available. Please see the
device and ratings specifications table for more information.
• High Peak Surge Current Rating (ITM) Up to 10kA, Single 8 x 20
Pulse, (20mm)
• Standard Operating Voltage Range Compatible with Common AC
Line Voltages (130VAC to 625VAC)
• Characterized for Maximum Standby Current (Leakage)
• Custom Voltage Types Available
• Standard Lead Form and Lead Space Options
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories. Certified by CSA, VDE and CECC. VDE certifica-
tion of Lead-free and RoHS compliant parts pending.
AGENCY FILE NUMBERS: UL E75961, CSA LR91788,
VDE 116895E, CECC 42201-006.
36
www .littelfuse .com
Varistor Products
High Surge Current, Radial Lead
Pb
RoHS
NEW LEAD-FREE AND
RoHS COMPLIANT PARTS
AVAILABLE


Similar Part No. - V20E625P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E625P LITTELFUSE-V20E625P Datasheet
784Kb / 11P
   Radial Lead Varistors
V20E625P LITTELFUSE-V20E625P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V20E625P LITTELFUSE-V20E625P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V20E625P LITTELFUSE-V20E625P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E625P LITTELFUSE-V20E625P Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V20E625P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com