Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2529883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-2529883
Description  Uncompensated, High Slew Rate High Output Current, Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2529883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-2529883 Datasheet HTML 1Page - Intersil Corporation HA-2529883 Datasheet HTML 2Page - Intersil Corporation HA-2529883 Datasheet HTML 3Page - Intersil Corporation HA-2529883 Datasheet HTML 4Page - Intersil Corporation HA-2529883 Datasheet HTML 5Page - Intersil Corporation HA-2529883 Datasheet HTML 6Page - Intersil Corporation HA-2529883 Datasheet HTML 7Page - Intersil Corporation HA-2529883 Datasheet HTML 8Page - Intersil Corporation HA-2529883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
July 1997
HA-2529/883
Uncompensated, High Slew Rate
High Output Current, Operational Amplifier
Features
• This Circuit is Processed in Accordance to MIL-STD-883
and is Fully Conformant Under the Provisions of Para-
graph 1.2.1.
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . 135V/
µs (Min)
150V/
µs (Typ)
• High Output Current . . . . . . . . . . . . . . . . .
±30mA (Min)
• High Gain-Bandwidth Product . . . . . . . . . 15MHz (Min)
20MHz(Typ)
• Wide Power Bandwidth . . . . . . . . . . . . . . . 2.1MHz (Min)
• High Input Impedance . . . . . . . . . . . . . . . . . 50M
Ω (Min)
130M
Ω (Typ)
• Low Offset Current . . . . . . . . . . . . . . . . . . . 25nA (Max)
5nA (Typ)
• Fast Settling (10V Step to 0.1%) . . . . . . . . . . . 200ns (Typ)
• Low Quiescent Supply Current . . . . . . . . . . 6mA (Max)
Applications
• Data Acquisition Systems
• RF Amplifiers
• Video Amplifiers
• Signal Generators
• Pulse Amplification
Description
The HA-2529/883 is a monolithic operational amplifier which
typifies excellence of design. With a design based on years
of experience coupled with the reliable dielectric isolation
process, these amplifiers provide an outstanding combina-
tion of DC and AC parameters at closed loop gains of 3 or
greater without external compensation.
The HA-2529/883 offers 135V/
µs (min) slew rate and fast
settling time (200ns typ), while consuming a mere 6mA
(max) quiescent supply current, making these amplifiers
ideal components for video circuitry and data acquisition
designs. With 15MHz minimum gain-bandwidth product
combined with 7.5kV/V minimum open loop gain, the
HA-2529/883 is an ideal component for demanding signal
conditioning designs. These devices provide
±30mA (min)
output current drive with an output voltage swing of
±10V
(min), making then suited for pulse amplifier and RF ampli-
fier components. HA-2529/883 will upgrade a system pres-
ently using the HA-2520/22/883 or EHA-2520/22/883 in
regards to output current, slew rate, offset voltage drift, and
offset current drift. To insure compliance with slew rate and
transient response specifications, all devices are 100% tested
for AC performance characteristics over full temperature.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA2-2529/883
-55 to 125
8 Pin Metal Can
T8.C
HA7-2529/883
-55 to 125
8 Ld CERDIP
F8.3A
HA-2529/883
(CERDIP)
TOP VIEW
HA-2529/883
(METAL CAN)
TOP VIEW
1
2
3
4
8
7
6
5
COMP
V+
OUT
BAL
BAL
-IN
+IN
V-
+
-
2
4
6
1
3
7
5
8
COMP
OUT
-IN
V-
BAL
+IN
V+
BAL
+
-
Spec Number
511025-883
File Number
3736.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - HA-2529883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2529 INTERSIL-HA-2529 Datasheet
401Kb / 8P
   20MHz, High Input Impedance, High Slew Rate Operational Amplifier
More results

Similar Description - HA-2529883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com