Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P2548-5 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA9P2548-5
Description  150MHz, High Slew Rate, Precision Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P2548-5 Datasheet(HTML) 2 Page - Intersil Corporation

  HA9P2548-5 Datasheet HTML 1Page - Intersil Corporation HA9P2548-5 Datasheet HTML 2Page - Intersil Corporation HA9P2548-5 Datasheet HTML 3Page - Intersil Corporation HA9P2548-5 Datasheet HTML 4Page - Intersil Corporation HA9P2548-5 Datasheet HTML 5Page - Intersil Corporation HA9P2548-5 Datasheet HTML 6Page - Intersil Corporation HA9P2548-5 Datasheet HTML 7Page - Intersil Corporation HA9P2548-5 Datasheet HTML 8Page - Intersil Corporation HA9P2548-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage Between V+ and V- Terminals . . . . . . . . . . . . . .40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Operating Conditions
Temperature Range
HA-2548-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HA-2548-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
110
30
PDIP Package . . . . . . . . . . . . . . . . . . .
92
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
96
N/A
Metal Can Package . . . . . . . . . . . . . . .
165
80
Maximum Junction Temperature (Hermetic Packages) . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±15V, RL = 1kΩ, CL = 10pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP (oC)
HA-2548-5, -9
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Input Offset Voltage
25
-
300
900
µV
Full
-
400
1200
µV
Average Offset Voltage Drift (Note 5)
Full
-
4
9
µV/oC
Input Bias Current
25
-
5
50
nA
Full
-
20
100
nA
Input Offset Current
25
-
5
50
nA
Full
-
20
100
nA
Common Mode Range
25
±7
±10
-
V
Differential Input Resistance
25
-
1
-
M
Input Noise Voltage
f = 0.1Hz to 10Hz
25
-
0.2
-
µVRMS
f = 0.1Hz to 1MHz
25
-
0.8
-
µVRMS
Input Noise Voltage Density (Note 2)
f = 10Hz
25
-
30
-
nV/
√Hz
f = 100Hz
25
-
12
-
nV/
√Hz
f = 1000Hz
25
-
8.3
-
nV/
√Hz
Input Noise Current Density (Note 2)
f = 10Hz
25
-
1.9
-
pA/
√Hz
f = 100Hz
25
-
0.7
-
pA/
√Hz
f = 1000Hz
25
-
0.4
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
VOUT = ±10V
25
114
130
-
dB
Full
108
125
-
dB
Common Mode Rejection Ratio
VCM = ±2V
Full
80
90
-
dB
Gain Bandwidth Product (Note 5)
AV = -100, f = 100kHz to 10MHz
25
130
150
-
MHz
Full
110
125
-
MHz
Minimum Stable Gain
Full
5
-
-
V/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Full
±11
±12
-
V
Output Current
RL = 1kΩ, VOUT ≥10V
Full
±30
±33
-
mA
Output Resistance
25
-
5
-
Full Power Bandwidth (Note 3)
25
-
1.91
-
MHz
TRANSIENT RESPONSE AV = +5, Unless Otherwise Specified
HA-2548


Similar Part No. - HA9P2548-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P2546-5 INTERSIL-HA9P2546-5 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA9P2546-5 INTERSIL-HA9P2546-5 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
logo
Renesas Technology Corp
HA9P2546-5 RENESAS-HA9P2546-5 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results

Similar Description - HA9P2548-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
logo
Advanced Linear Devices
ALD2724E ALD-ALD2724E Datasheet
58Kb / 10P
   DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
ALD2724 ALD-ALD2724_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com