Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P2529-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA9P2529-5
Description  20MHz, High Input Impedance, High Slew Rate Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P2529-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HA9P2529-5 Datasheet HTML 1Page - Intersil Corporation HA9P2529-5 Datasheet HTML 2Page - Intersil Corporation HA9P2529-5 Datasheet HTML 3Page - Intersil Corporation HA9P2529-5 Datasheet HTML 4Page - Intersil Corporation HA9P2529-5 Datasheet HTML 5Page - Intersil Corporation HA9P2529-5 Datasheet HTML 6Page - Intersil Corporation HA9P2529-5 Datasheet HTML 7Page - Intersil Corporation HA9P2529-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Application
Inverting Unity Gain Circuit
Figure 6 shows a Compensation Circuit for an inverting unity
gain amplifier. The circuit was tested for functionality with
supply voltages from
±4V to ±15V, and the performance as
tested was: Slew Rate
≈ 120V/µs; Bandwidth ≈ 10MHz; and
Settling Time (0.1%)
≈ 500ns. Figure 7 illustrates the
amplifier’s frequency response, and it is important to note that
capacitance at pin 8 must be minimized for maximum
bandwidth.
10K
OUT
HA-2520
5K
500pF
2K
10K
IN
+
-
FIGURE 6. INVERTING UNITY GAIN CIRCUIT
GAIN
PHASE
15
10
5
0
-5
-10
-15
10K
100K
1M
10M
0
-45
-90
-135
-180
FIGURE 7. FREQUENCY RESPONSE FOR INVERTING UNITY
GAIN CIRCUIT
(FREQUENCY)
Typical Performance Curves
VSUPPLY = ±15V
FIGURE 8. OFFSET VOLTAGE vs TEMPERATURE (6 TYPICAL
UNITS FROM 3 LOTS)
FIGURE 9. BIAS CURRENT vs TEMPERATURE (6 TYPICAL
UNITS FROM 3 LOTS)
TEMPERATURE (oC)
0
20
40
60
80
100
120
-20
-40
0
1
2
3
4
5
6
-3
-2
-1
-60
TEMPERATURE (oC)
0
20
40
60
80
100
120
-20
-40
-60
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
HA-2529


Similar Part No. - HA9P2529-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P2525-5 INTERSIL-HA9P2525-5 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA9P2525-5 INTERSIL-HA9P2525-5 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA9P2525-5Z INTERSIL-HA9P2525-5Z Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA9P2525-5Z INTERSIL-HA9P2525-5Z Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
More results

Similar Description - HA9P2529-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com