Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V715ZA05 Datasheet(PDF) 6 Page - Harris Corporation

Part # V715ZA05
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V715ZA05 Datasheet(HTML) 6 Page - Harris Corporation

Back Button V715ZA05 Datasheet HTML 2Page - Harris Corporation V715ZA05 Datasheet HTML 3Page - Harris Corporation V715ZA05 Datasheet HTML 4Page - Harris Corporation V715ZA05 Datasheet HTML 5Page - Harris Corporation V715ZA05 Datasheet HTML 6Page - Harris Corporation V715ZA05 Datasheet HTML 7Page - Harris Corporation V715ZA05 Datasheet HTML 8Page - Harris Corporation V715ZA05 Datasheet HTML 9Page - Harris Corporation V715ZA05 Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4-39
FIGURE 5. CLAMPING VOLTAGE FOR V360ZA05 - V750ZA05
FIGURE 6. CLAMPING VOLTAGE FOR V8ZA1 - V68ZA2
FIGURE 7. CLAMPING VOLTAGE FOR V82ZA2 - V180ZA1
FIGURE 8. CLAMPING VOLTAGE FOR V8ZA2 - V68ZA3
FIGURE 9. CLAMPING VOLTAGE FOR V82ZA4 - V180ZA5
FIGURE 10. CLAMPING VOLTAGE FOR V18ZA3 - V68ZA10
Transient V-I Characteristics Curves (Continued)
3000
2000
1000
500
PEAK AMPERES (A)
0.01
0.1
1
10
100
1000
0.001
0.0001
V750ZA05
V715ZA05
V680ZA05
V620ZA05
V470ZA05
V430ZA05
V390ZA05
V360ZA05
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
360 TO 750VN(DC) RATING
TA = -55
oC TO 85oC
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
PEAK AMPERES (A)
V68ZA2
V56ZA2
V47ZA1
V39ZA1
V33ZA1
V27ZA1
V22ZA1
V12ZA1
V18ZA1
V8ZA1
MODEL SIZE 7mm
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA1
V150ZA1
V120ZA1
V100ZA3
V82ZA2
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA3
V56ZA3
V47ZA3
V39ZA3
V33ZA2
V27ZA2
V22ZA2
V18ZA2
V8ZA2
V12ZA2
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA5
V150ZA4
V120ZA4
V100ZA4
V82ZA4
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA10
V56ZA8
V47ZA7
V39ZA6
V33ZA5
V27ZA4
V22ZA3
V18ZA3
MAXIMUM CLAMPING VOLTAGE
18 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
MODEL SIZE 14mm
ZA Series


Similar Part No. - V715ZA05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V715ZA05 LITTELFUSE-V715ZA05 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V715ZA05P LITTELFUSE-V715ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V715ZA05P LITTELFUSE-V715ZA05P Datasheet
825Kb / 13P
   Radial Lead Varistors
V715ZA05P LITTELFUSE-V715ZA05P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V715ZA05P LITTELFUSE-V715ZA05P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS
More results

Similar Description - V715ZA05

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com