Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V220ZA05 Datasheet(PDF) 5 Page - Harris Corporation

Part # V220ZA05
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V220ZA05 Datasheet(HTML) 5 Page - Harris Corporation

  V220ZA05 Datasheet HTML 1Page - Harris Corporation V220ZA05 Datasheet HTML 2Page - Harris Corporation V220ZA05 Datasheet HTML 3Page - Harris Corporation V220ZA05 Datasheet HTML 4Page - Harris Corporation V220ZA05 Datasheet HTML 5Page - Harris Corporation V220ZA05 Datasheet HTML 6Page - Harris Corporation V220ZA05 Datasheet HTML 7Page - Harris Corporation V220ZA05 Datasheet HTML 8Page - Harris Corporation V220ZA05 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4-38
Power Dissipation Ratings
Should transients occur in rapid succession, the average
power dissipation required is simply the energy (watt-
seconds) per pulse times the number of pulses per second.
The power so developed must be within the specifications
shown on the Device Ratings and Specifications table for the
specific device. Furthermore, the operating values need to
be derated at high temperatures as shown in Figure 1.
Because varistors can only dissipate a relatively small
amount of average power they are, therefore, not suitable for
repetitive applications that involve substantial amounts of
average power dissipation.
1.
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110
120
130
140
150
AMBIENT TEMPERATURE (oC)
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
Transient V-I Characteristics Curves
FIGURE 3. CLAMPING VOLTAGE FOR V8ZA05 - V68ZA05
FIGURE 4. CLAMPING VOLTAGE FOR V82ZA05 - V330ZA05
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20
µs Current Waveform:
8
µs = T1 = Virtual Front Time
20
µs = T2 = Virtual Time to Half Value
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
10
V68ZA05
V56ZA05
V47ZA05
V39ZA05
V33ZA05
V27ZA05
V22ZA05
V18ZA05
V12ZA05
V8ZA05
10-3
2000
1000
500
200
PEAK AMPERES (A)
0.01
0.1
1
10
100
1000
100
0.001
0.0001
V330ZA05
V270ZA05
V240ZA05
V220ZA05
V205ZA05
V180ZA05
V150ZA05
V120ZA05
V10
0ZA05
V82ZA05
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
82 TO 330VN(DC) RATING
TA = -55
oC TO 85oC
ZA Series


Similar Part No. - V220ZA05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V220ZA05 LITTELFUSE-V220ZA05 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V220ZA05P LITTELFUSE-V220ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V220ZA05P LITTELFUSE-V220ZA05P Datasheet
825Kb / 13P
   Radial Lead Varistors
V220ZA05P LITTELFUSE-V220ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
V220ZA05P LITTELFUSE-V220ZA05P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
More results

Similar Description - V220ZA05

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com