Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1391 Datasheet(PDF) 3 Page - Harris Corporation

Part # CA1391
Description  TV Horizontal Processors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA1391 Datasheet(HTML) 3 Page - Harris Corporation

  CA1391 Datasheet HTML 1Page - Harris Corporation CA1391 Datasheet HTML 2Page - Harris Corporation CA1391 Datasheet HTML 3Page - Harris Corporation CA1391 Datasheet HTML 4Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8-11
Test Circuit
Schematic Diagram
2
S5
+25V
620
1W
2.65k
1
1.5k
150k
14k
1k
12
S4
1
µF
6800pF
12
12
12
12
S2
S1
S8
S7
12
430
1.65k
200
150
100
150
87
6
5
4
3
2
1
5.6k
+6V
CA1391/CA1394
S6
+6V
S3
21
FIGURE 1. DC TEST CIRCUIT
REGULATOR
Q6
OSCILLATOR
PHASE
DETECTOR
V+
OUT
SYNC INPUT
GND
MARK-
SPACE
RATIO
PRE-
DRIVER
OSC.
TIMING
Q4
Q3
Q1
Q2
Q5
Q7 Q8
R1
2.6K
R4
430
R3
7.5K
R2
6.8K
R6
400
R5
5.1K
R12
2.4K
R9
1.3K
Q10
Q9
R10
470
R11
3.6K
R16
1.1K
R18
200
R14
6.8K
R15
2.4K
R13
1.5K
Q12
Q13
D1
R19
240
R20
820
R22
3.3K
Q14
Z2
R1
3K
Q15
R31
560
Q16
Z1
Q19
R23
6.8K
Q20
Q21
Q22 Q23
CA1391E
R28
910
Q17
Q18
D2
R27
510
R26
7.5K
R25
7.5K
HORIZ
INPUT
CA1394E
PHASE
DET. OUT
6
7
8
1
2
3
4
4
5
R7
1.8K
R8
3.9K
R24
40K
R29
1.5K
R30
1.5K
R17
6.2K
Q11
NOTE: All resistances are in ohms.
CA1391, CA1394


Similar Part No. - CA1391

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA1391E ETC2-CA1391E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA1391

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
Zoran Corporation
ZR39160 ZORAN-ZR39160 Datasheet
87Kb / 2P
   Integrated Digital TV Processors
ZR39150 ZORAN-ZR39150 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
logo
STMicroelectronics
TDA1180P STMICROELECTRONICS-TDA1180P Datasheet
213Kb / 12P
   TV HORIZONTAL PROCESSOR
May 1993
logo
Motorola, Inc
MC1391 MOTOROLA-MC1391 Datasheet
110Kb / 6P
   TV HORIZONTAL PROCESSOR
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION CIRCUIT
logo
Fairchild Semiconductor
BU508AF FAIRCHILD-BU508AF Datasheet
51Kb / 4P
   TV Horizontal Output Applications
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
Zoran Corporation
ZR39600 ZORAN-ZR39600 Datasheet
111Kb / 2P
   Integrated High Definition Digital TV Processors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com