Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1391 Datasheet(PDF) 2 Page - Harris Corporation

Part # CA1391
Description  TV Horizontal Processors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA1391 Datasheet(HTML) 2 Page - Harris Corporation

  CA1391 Datasheet HTML 1Page - Harris Corporation CA1391 Datasheet HTML 2Page - Harris Corporation CA1391 Datasheet HTML 3Page - Harris Corporation CA1391 Datasheet HTML 4Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8-10
Absolute Maximum Ratings
Thermal Information
DC Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
DC Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Sync Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5VP-P
Sawtooth Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5VP-P
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
(See Figure 1)
PARAMETER
TEST CONDITIONS
TEMP. (oC)
MIN
TYP
MAX
UNITS
Supply Voltage
S1, S5, S6 = 2; S2, S3, S4, S7, S8 = 1
Measure Terminal 6 to GND
25
8-9
V
Free Running
Frequency -1%
S1, S5, S6 = 2; S2, S3, S4, S7, S8 = 1
Counter to Terminal 1
25
14734
-
16734
Hz
Output Leakage
S2, S3, S6, S8 = 1; S1, S4, S5, S7 = 2
Measure Terminal 1 to 25V
25
-10-
mV
Output Saturation
S2, S3, S5, S6, S8 = 1; S1, S4, S7 = 2
Measure Terminal 1 to GND
25
-60-
mV
Phase Detector Bias
S2, S5, S6, S8 = 1; S1, S3, S4, S7 = 2
Measure Terminal 3 to GND
25
-
1.9
-
V
Phase Detector Leak
S5, S8 = 1; S1, S2, S3, S4, S6, S7 = 2
Measure Terminal 5 to +4V
25
-2
-
2
mV
Phase Detector Low
S1, S5, S8 = 1; S2, S3, S4, S6, S7 = 2
Measure Terminal 5 to +4V
25
-0.55
(Note 2)
--
V
Phase Detector High
S1, S5, S6, S8 = 1; S2, S3, S4, S7 = 2
Measure Terminal 5 to +4V
25
+0.55
(Note 2)
--
V
Phase Detector Balance VDET2 + VDET3
25
-100
-
100
mV
Sync Diode
S1, S2, S3, S4, S6, S7 = 1; S5, S8 = 2
25
0.3
-
1.2
V
Static Phase Error
See Figure 3
25
-
0.5
-
µs
Oscillator Pull In Range
-
±300
-
Hz
Oscillator Hold In Range
-
±900
-
Hz
NOTE:
2. Polarity reversed in the CA1391.
CA1391, CA1394


Similar Part No. - CA1391

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA1391E ETC2-CA1391E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA1391

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
Zoran Corporation
ZR39160 ZORAN-ZR39160 Datasheet
87Kb / 2P
   Integrated Digital TV Processors
ZR39150 ZORAN-ZR39150 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
logo
STMicroelectronics
TDA1180P STMICROELECTRONICS-TDA1180P Datasheet
213Kb / 12P
   TV HORIZONTAL PROCESSOR
May 1993
logo
Motorola, Inc
MC1391 MOTOROLA-MC1391 Datasheet
110Kb / 6P
   TV HORIZONTAL PROCESSOR
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION CIRCUIT
logo
Fairchild Semiconductor
BU508AF FAIRCHILD-BU508AF Datasheet
51Kb / 4P
   TV Horizontal Output Applications
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
Zoran Corporation
ZR39600 ZORAN-ZR39600 Datasheet
111Kb / 2P
   Integrated High Definition Digital TV Processors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com