Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9165 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9165
Description  High Frequency 600-mA Synchronous Buck/Boost Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9165 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9165 Datasheet HTML 1Page - Vishay Siliconix SI9165 Datasheet HTML 2Page - Vishay Siliconix SI9165 Datasheet HTML 3Page - Vishay Siliconix SI9165 Datasheet HTML 4Page - Vishay Siliconix SI9165 Datasheet HTML 5Page - Vishay Siliconix SI9165 Datasheet HTML 6Page - Vishay Siliconix SI9165 Datasheet HTML 7Page - Vishay Siliconix SI9165 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si9165
Vishay Siliconix
www.vishay.com
4
Document Number: 70845
S-40693—Rev. C, 19-Apr-04
TYPICAL CHARACTERISTICS (25_C UNLESS OTHERWISE NOTED)
Buck Mode Efficiency, VO = 2.7 V
1
60
65
1000
70
80
85
90
100
Load Current (mA)
10
100
75
PSM−3.6 V
PSM−3 V
PSM−4.2 V
PWM−3 V
PWM−3.6 V
PWM−4.2 V
95
1.28
1.29
1.30
1.31
1.32
−50
0
50
100
150
1.70
1.75
1.80
1.85
1.90
1.95
2.00
−100
−50
0
50
100
150
1.290
1.295
1.300
1.305
1.310
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
100
1000
10000
10
100
1000
VREF vs. VDD
VREF vs. Temperature
Frequency vs. Temperature
VDD − (V)
Temperature (_C)
ROSC (kW)
Temperature (_C)
Frequency vs. ROSC
Boost Mode Efficiency, VO = 3.6 V
1
60
65
1000
70
80
85
90
95
Load Current (mA)
10
100
75
PSM−3.3 V
PSM−2.7 V
PWM−3.3 V
PWM−2.7 V
ROSC = 25 kW


Similar Part No. - SI9165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165BQ-T1-E3 VISHAY-SI9165BQ-T1-E3 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165DB VISHAY-SI9165DB Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
More results

Similar Description - SI9165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9169 VISHAY-SI9169 Datasheet
76Kb / 8P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. D, 19-Apr-04
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com