Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V100ZA05P Datasheet(PDF) 1 Page - Littelfuse

Part # V100ZA05P
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V100ZA05P Datasheet(HTML) 1 Page - Littelfuse

  V100ZA05P Datasheet HTML 1Page - Littelfuse V100ZA05P Datasheet HTML 2Page - Littelfuse V100ZA05P Datasheet HTML 3Page - Littelfuse V100ZA05P Datasheet HTML 4Page - Littelfuse V100ZA05P Datasheet HTML 5Page - Littelfuse V100ZA05P Datasheet HTML 6Page - Littelfuse V100ZA05P Datasheet HTML 7Page - Littelfuse V100ZA05P Datasheet HTML 8Page - Littelfuse V100ZA05P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
67
www .littelfuse .com
2
Varistor Products
Low to Medum Voltage, Radial Lead
ZA Varistor Series
The ZA Series of transient voltage surge suppressors are radial-lead
varistors (MOVs) designed for use in the protection of low and medium-
voltage circuits and systems. Typical applications include motor control,
telecom, automotive systems, solenoid, and power supply circuits to
protect circuit board components and maintain data integrity.
These devices are available in five model sizes: 5mm, 7mm, 10mm,
14mm and 20mm, and feature a wide VDC voltage range of 5.5V to 615V.
See ZA Series Device Ratings and Specifications table for part number
and brand information.
Features
• Lead-free and RoHS compliant option available. Please see the
device and ratings specifications table for more information.
• Wide Operating Voltage Range VM(AC)RMS ......... .4V to 460V
• DC Voltage Ratings . ............................ .5.5V to 615V
• No Derating Up to 85oC Ambient
• 5 Model Sizes Available . ....5, 7, 10, 14, and 20mm
• Radial-Lead Package for Hard-Wired or Printed Circuit
Board Designs
• Available in Tape and Reel or Bulk Pack
• Standard Lead Form Options
AGENCY APPROVALS FOR STANDARD PARTS:
Recognized under the components program of Underwriters Laboratories.
CECC and VDE certified.
Agency File Numbers: UL E135010, UL E75961, VDE 116895E, CECC
42201.
AGENCY APPROVALS FOR LEAD-FREE AND RoHS COMPLI-
ANT PARTS:
Selected parts recognized under the components program of Underwriters
Laboratories and other parts pending approval. All parts CECC and VDE cer-
tified. See details below.
Agency File Numbers: UL E135010 (pending approval), UL E75961
(selected parts recognized), VDE 116895E, CECC 42201-006.
®
V
DE
NEW LEAD-FREE AND
RoHS COMPLIANT PARTS
AVAILABLE
Pb
RoHS


Similar Part No. - V100ZA05P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
825Kb / 13P
   Radial Lead Varistors
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V100ZA05P LITTELFUSE-V100ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V100ZA05P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com