Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3805DH Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805DH
Description  3.3V, 2 x 1:5 CMOS Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805DH Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT3805DH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805DH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805DH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805DH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805DH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805DH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805DH Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8492
08/10/00
PinName
Description
OEA,OEB
Hi-Z State Output Enable Inputs (Active LOW)
INA,INB
Clock Inputs
OAN, OBN
Clock Outputs
MON
Monitor Output
GND
Ground
VCC
Power
3.3V, 2 x 1:5 CMOS Clock Driver
OEB
INA
OA0–4
INB
OEA
OB0–4
MON
5
5
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3805D
Description
Pericom Semiconductor’s PI49FCT series of logic circuits are
produced using the Company’s advanced submicron CMOS
technology to achieve fast speed, low skew, fast slew rate, and low
propagation delay for most computing and communication
applications.
The PI49FCT3805D is composed of non-inverting drivers. The
outputs are configured into 2 groups of one-in, five-out with
independent output enable. Group B has an extra MON output.
Excellent output signals to power and ground ratio minimize power
and ground noise and also improves output performance.
Features
• Low output skew: <270ps
• Switching frequency of 133 MHz
• Fast output rise/fall time: <1.5ns
• Low propagation delay: <3.0ns
• Low input capacitance: <6.0pF
• Balanced CMOS outputs
• IndustrialTemperature:–40°Cto+85°C
• 3.3V±10%operation
• Packagesavailable:
–20-pin300-milwideSOIC(S)
–20-pin150-milwideQSOP(Q)
–20-pin209-milwideSSOP(H)
ProductPinDescription
Inputs
Outputs
OEA,OEB
INA,INB
OAN, OBN
MON
LL
L
L
LH
H
H
HL
Z
L
HH
Z
H
TruthTable(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Z = High Impedance
PinConfiguration
VCCB
VCC
120
OB0
OA0
2
19
OB1
OA1
3
18
GNDB
OA2
4
17
OB2
GNDA
5
16
OB3
OA3
6
15
OB4
OA4
7
14
MON
GNDQ
8
13
OEB
OEA
9
12
INB
INA
10
11
20-Pin
H,Q,S


Similar Part No. - PI49FCT3805DH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805DH PERICOM-PI49FCT3805DH Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DHE PERICOM-PI49FCT3805DHE Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DHE PERICOM-PI49FCT3805DHE Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
More results

Similar Description - PI49FCT3805DH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D_04 Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com