Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q8025L6 Datasheet(PDF) 6 Page - Littelfuse

Part # Q8025L6
Description  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q8025L6 Datasheet(HTML) 6 Page - Littelfuse

Back Button Q8025L6 Datasheet HTML 2Page - Littelfuse Q8025L6 Datasheet HTML 3Page - Littelfuse Q8025L6 Datasheet HTML 4Page - Littelfuse Q8025L6 Datasheet HTML 5Page - Littelfuse Q8025L6 Datasheet HTML 6Page - Littelfuse Q8025L6 Datasheet HTML 7Page - Littelfuse Q8025L6 Datasheet HTML 8Page - Littelfuse Q8025L6 Datasheet HTML 9Page - Littelfuse Q8025L6 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Alternistor Triacs
Data Sheets
http://www.littelfuse.com
E4 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
(10) See Figure E4.12 for tgt versus IGT.
(11) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(12) Initial on-state current = 400 mA dc for 16 A to 40 A devices and
100 mA for 6 A to 12 A devices.
(13) See Figure E4.1 through Figure E4.4 for maximum allowable case
temperature at maximum rated current.
(14) Pulse width
≤10 µs; IGT ≤ IGTM
(15) For 6 A to 12 A devices, RL = 60 Ω; 16 A and above, RL = 30 Ω
(16) 40 A pin terminal leads on K package can run 100 °C to 125 °C.
(17) Alternistor does not turn on in Quadrant IV.
(18) TC = TJ for test conditions in off state
(19) IGT = 200 mA for 6 A to 12 A devices and 500 mA for 16 A to 40 A
devices with gate pulse having rise time of
≤0.1 µs.
(20) Minimum non-trigger VGT at 125 °C is 0.2 V.
Gate Characteristics
Teccor triacs may be turned on in the following ways:
In-phase signals (with standard AC line) using Quadrants I
and III
Application of unipolar pulses (gate always negative), using
Quadrants II and III with negative gate pulses
In all cases, if maximum surge capability is required, gate pulses
should be a minimum of one magnitude above minimum IGT rat-
ing with a steep rising waveform (
≤1 µs rise time).
If QIV and QI operation is required (gate always positive), see
Figure AN1002.8, “Amplified Gate” Thyristor Circuit.
Definition of Quadrants
Electrical Isolation
Teccor’s isolated alternistor packages withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab, over
the operating temperature range of the device. The following iso-
lation table shows standard and optional isolation ratings.
* UL Recognized File E71639
** For 4000 V isolation, use V suffix in part number.
* UL Recognized Product per UL File E71639
** For 4000 V isolation, use V suffix in part number.
Electrical Isolation
from Leads to Mounting Tab *
VAC RMS
TO-218
Isolated
TO-220
Isolated
TO-218X
Isolated
2500
Standard
Standard
Standard
4000
N/A
Optional **
N/A
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
NOTE: Alternistors will not operate in QIV
Thermal Resistance (Steady State)
R θ JC [R θ JA] (TYP.) °C/W
Package Code
KJ
L
R
D
V
N
Type
TO-218
Isolated *
TO-218X
Isolated *
TO-220
Isolated **
TO-220
Non-Isolated
TO-252
D-Pak
TO-251
V-Pak
TO-263
D2Pak
6 A
3.3 [50]
1.80 [45]
2.1
2.3 [64]
1.80
8 A
2.8
1.50
1.8
2.1
1.50
10 A
2.6
1.30
1.30
12 A
2.3
1.20
1.20
16 A
2.1
1.10
1.10
25 A
1.35
1.32
2.0
0.87
0.87
30 A
2.3
35 A
0.85
40 A
0.97
0.95


Similar Part No. - Q8025L6

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q8025L6 TECCOR-Q8025L6 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
List of Unclassifed Man...
Q8025L6 ETC2-Q8025L6 Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Inchange Semiconductor ...
Q8025L6 ISC-Q8025L6 Datasheet
247Kb / 2P
   isc Triacs
More results

Similar Description - Q8025L6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com