Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE180C Datasheet(PDF) 5 Page - Littelfuse

Part # P6KE180C
Description  Silicon Avalanche Diodes - Silicon Avalanche Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6KE180C Datasheet(HTML) 5 Page - Littelfuse

  P6KE180C Datasheet HTML 1Page - Littelfuse P6KE180C Datasheet HTML 2Page - Littelfuse P6KE180C Datasheet HTML 3Page - Littelfuse P6KE180C Datasheet HTML 4Page - Littelfuse P6KE180C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
289
www .littelfuse .com
6
Silicon Avalanche Diodes
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
Max
Voltage
Temperature
Variation
of VBR (mV/°C)
P6KE170
P6KE170A
P6KE180
P6KE180A
P6KE200
P6KE200A
P6KE220
P6KE220A
P6KE250
P6KE250A
P6KE300
P6KE300A
P6KE350
P6KE350A
P6KE400
P6KE400A
P6KE440
P6KE440A
P6KE170C
P6KE170CA
P6KE180C
P6KE180CA
P6KE200C
P6KE200CA
P6KE220C*
P6KE220CA
P6KE250C
P6KE250CA
P6KE300C
P6KE300CA
P6KE350C
P6KE350CA
P6KE400C
P6KE400CA
P6KE440C
P6KE440CA
138.0
145.0
146.0
154.0
162.0
171.0
175.0
185.0
202.0
214.0
243.0
256.0
284.0
300.0
324.0
342.0
356.0
376.0
MIN
153.0
162.0
162.0
171.0
180.0
190.0
198.0
209.0
225.0
237.0
270.0
285.0
315.0
332.0
360.0
380.0
396.0
418.0
MAX
187.0
179.0
198.0
189.0
220.0
210.0
242.0
231.0
275.0
263.0
330.0
315.0
385.0
368.0
440.0
420.0
484.0
462.0
(mA)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
244.0
234.0
258.0
246.0
287.0
274.0
344.0
328.0
360.0
344.0
430.0
414.0
504.0
482.0
574.0
548.0
631.0
602.0
2.50
2.60
2.30
2.40
2.10
2.20
1.75
1.83
1.67
1.75
1.40
1.45
1.20
1.25
1.05
1.10
0.95
1.00
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
ELECTRICAL SPECIFICATION @ Tamb 25°C
P6KE Series
Suffix ‘C’ denotes Bi-directional device. Suffix ‘A’ denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1.
For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2.
VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 50A, 300 µS square wave.
* Preferred voltages.
600 Watt Axial Transient Voltage Suppressors
®


Similar Part No. - P6KE180C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE180C PANJIT-P6KE180C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
New Jersey Semi-Conduct...
P6KE180C NJSEMI-P6KE180C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6KE180C YFWDIODE-P6KE180C Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Surge Components
P6KE180C SURGE-P6KE180C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
SUNMATE electronic Co.,...
P6KE180C SUNMATE-P6KE180C Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE180C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
SMBJ28AHE3 LITTELFUSE-SMBJ28AHE3 Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com