Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G66 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHC1G66
Description  Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G66 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC1G66 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 8Page - ON Semiconductor MC74VHC1G66 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC74VHC1G66
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
ON/OFF Control Input
RON = Per Spec
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low–Level
Input Voltage
ON/OFF Control Input
RON = Per Spec
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
IIN
Maximum Input
Leakage Current
ON/OFF Control Input
VIN = VCC or GND
0 to
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
VIO = 0V
5.5
2.0
20
40
µA
RON
Maximum ”ON”
Resistance
VIN = VIH
VIS = VCC or GND
|IIS| ≤ 10mA (Figure 1)
3.0
4.5
5.5
30
20
15
50
30
20
70
40
35
100
50
45
W
Endpoints
VIN = VIH
VIS = VCC or GND
|IIS| ≤ 10mA (Figure 1)
3.0
4.5
5.5
25
12
8
50
20
15
65
26
23
90
40
32
W
IOFF
Maximum Off–Channel
Leakage Current
VIN = VIL
VIS = VCC or GND
Switch Off (Figure 2)
5.5
0.1
0.5
1.0
µA
ION
Maximum On–Channel
Leakage
Current
VIN = VIH
VIS = VCC or GND
Switch On (Figure 3)
5.5
0.1
0.5
1.0
µA
AC ELECTRICAL CHARACTERISTICS (Cload = 50 pF, Input tr/tf = 3.0ns)
VCC
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propogation
Delay,
Input X to Y
YA = Open
Figure 4
2.0
3.0
4.5
5.5
1
0
0
0
5
2
1
1
6
3
1
1
7
4
2
1
ns
tPLZ,
tPHZ
Maximum Propogation
Delay,
ON/OFF Control to
Analog Output
RL = 1000 W
Figure 5
2.0
3.0
4.5
5.5
15
8
6
4
35
15
10
7
46
20
13
9
57
25
17
11
ns
tPZL,
tPZH
Maximum Propogation
Delay,
ON/OFF Control to
Analog Output
RL = 1000 W
Figure 5
2.0
3.0
4.5
5.5
15
8
6
4
35
15
10
7
46
20
13
9
57
25
17
11
ns
CIN
Maximum Input
Cit
ON/OFF Control Input
0.0
3
10
10
10
pF
Capacitance
Contol Input = GND
Analog I/O
Feedthrough
5.0
4
4
10
10
10
10
10
10
Typical @ 25
°C, VCC = 5.0V
CPD
Power Dissipation Capacitance (Note NO TAG)
18
pF
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no–load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74VHC1G66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G66 ONSEMI-MC74VHC1G66 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1G66DFT1 ONSEMI-MC74VHC1G66DFT1 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66DFT1G ONSEMI-MC74VHC1G66DFT1G Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66DFT1G ONSEMI-MC74VHC1G66DFT1G Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
More results

Similar Description - MC74VHC1G66

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com