Electronic Components Datasheet Search |
|
SMCJ64CA Datasheet(PDF) 1 Page - Littelfuse |
|
SMCJ64CA Datasheet(HTML) 1 Page - Littelfuse |
1 / 2 page ©2009 Littelfuse, Inc. Specifications are subject to change without notice. Transient Voltage Suppression Diodes Revision: November 13, 2009 SMCJ Series Surface Mount – 1500W > SMCJ series Please refer to http://www.Littelfuse.com/series/SMCJ.html for current information. SMCJ Series TVS devices are ideal for the protection of I/O Interfaces, V CC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications. Applications applications to optimize board space ΔV junction resistance less than 1μA above 12V 260°C/40 seconds at terminals Features Description Value Unit T A 1500 A=50 OC 6.5 I 200 A V V T , T °C 15 to Ambient 75 Notes: A = 25 O 4. V _ _ < 200V and V <5.0V for V BR _ _ > 201V. Maximum Ratings and Thermal Characteristics (T A=25 OC unless otherwise noted) Agency Approvals AGENCY AGENCY FILE NUMBER E230531 RoHS |
Similar Part No. - SMCJ64CA |
|
Similar Description - SMCJ64CA |