Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1268ACEG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1268ACEG
Description  420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1268ACEG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1268ACEG Datasheet HTML 1Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 2Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 3Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 4Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 5Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 6Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 7Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 8Page - Maxim Integrated Products MAX1268ACEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
420ksps, +5V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
_______________________________________________________________________________________
5
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
2000
1000
3000
4000
5000
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
2000
1000
3000
4000
5000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
1.8
1.9
2.0
2.1
2.2
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VDD (V)
4.50
5.00
4.75
5.25
5.50
RL =
CODE = 101010100000
1.7
1.9
1.8
2.1
2.0
2.2
2.3
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
RL =
CODE = 101010100000
930
950
940
970
960
980
990
4.50
5.00
4.75
5.25
5.50
STANDBY CURRENT vs. SUPPLY VOLTAGE
VDD (V)
930
950
940
970
960
980
990
-40
10
-15
35
60
85
STANDBY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
1.0
1.5
2.0
2.5
3.0
POWER-DOWN CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
4.50
5.00
4.75
5.25
5.50
1.8
2.0
1.9
2.1
2.2
-40
10
-15
35
60
85
POWER-DOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics
(VDD = +5V, VREF = +2.500V, fCLK = 7.6MHz, CL = 20pF, TA = +25°C, unless otherwise noted.)
0.1
1k
100k
10
1
100
10k
1M
SUPPLY CURRENT vs. SAMPLE FREQUENCY
fSAMPLE (Hz)
0
10
100
1000
10,000
WITH EXTERNAL REFERENCE
WITH INTERNAL REFERENCE


Similar Part No. - MAX1268ACEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261ACEI MAXIM-MAX1261ACEI Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1268ACEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com