Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2035K Datasheet(PDF) 8 Page - Littelfuse

Part # S2035K
Description  SCRs (1 A to 70 A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S2035K Datasheet(HTML) 8 Page - Littelfuse

Back Button S2035K Datasheet HTML 4Page - Littelfuse S2035K Datasheet HTML 5Page - Littelfuse S2035K Datasheet HTML 6Page - Littelfuse S2035K Datasheet HTML 7Page - Littelfuse S2035K Datasheet HTML 8Page - Littelfuse S2035K Datasheet HTML 9Page - Littelfuse S2035K Datasheet HTML 10Page - Littelfuse S2035K Datasheet HTML 11Page - Littelfuse S2035K Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SCRs
Data Sheets
http://www.littelfuse.com
E6 - 8
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E6.7 Maximum Allowable Case Temperature versus
RMS On-state Current (10 A, 12 A, 16 A, and 20 A)
Figure E6.8 Maximum Allowable Case Temperature versus
RMS On-state Current (25 A and 35 A)
Figure E6.9 Maximum Allowable Case Temperature versus
RMS On-state Current (40 A through 70 A)
Figure E6.10 Maximum Allowable Case Temperature versus
RMS On-state Current (55 A and 65 A)
Figure E6.11 Maximum Allowable Case Temperature versus
Average On-state Current (1 A)
Figure E6.12 Maximum Allowable Case Temperature versus
Average On-state Current (8 A, 10 A, and 12 A)
04
8
12
16
20
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawing
10 A TO-220
(Non-isolated)
15 A TO-220
(Isolated)
20 A TO-220 (Isolated)
16 A TO-220 (Non-isolated)
and TO-263
10 A TO-251 and 10 A TO-252
12 A TO-220 (Non-isolated)
TO-251 and TO-252
0
4
8
121620
24
283236
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure
as shown on dimensional drawings
RMS On-state Current [IT(RMS)] – Amps
35 A TO-218
(Isolated)
25 A TO-220
(Non-isolated)
and TO-263
25 A TO-220
(Isolated)
0
10203040506070
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
65 A TO-218X
(Isolated)
55 A TO-218X
(Non-isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
40 A TO-220
(Non-isolated)
and TO-263
70 A TO-218X
(Non-isolated)
010
20
30
40
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
50
60
70
75
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
* The R, K or M package rating
is intended only for high surge
condition use and is not recommended
for >50 A rms continuous
current use, since narrow pin lead
temperature can exceed PCB solder
melting temperature. J or W packages
are recommended for >50 A rms
continuous current requirements.
65 A TO-218AC
(Isolated) *
55 A TO-218AC
(Non-isolated) *
55 A TO-220
(Non-isolated)
and TO-263 *
0
0.2
0.4
0.6
0.8
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
Average On-state Current [IT(AV)] – Amps
1 A Devices
80
1
0
2
34
5
678
90
100
110
120
130
Average On-state Current [IT(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
6 A TO-220
6 A TO-202
6 A TO-251
6 A TO-252
8 A TO-220 (Isolated)
8 A TO-202
10 A TO-220 (Isolated)
and 10 A TO-202
8 A TO-220
(Non-isolated)
12 A TO-220 (Non-isolated)
and TO-251 and TO-252
10 A TO-251
10 A TO-252
10 A TO-220
(Non-isolated)


Similar Part No. - S2035K

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S2035K TECCOR-S2035K Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S2035K LITTELFUSE-S2035K Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S2035K NJSEMI-S2035K Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S2035K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
   Standard 25 A SCRs
August 2014 Rev 9
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
   16 A standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com