Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V150LA1 Datasheet(PDF) 3 Page - Littelfuse

Part # V150LA1
Description  Varistor Products - Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V150LA1 Datasheet(HTML) 3 Page - Littelfuse

  V150LA1 Datasheet HTML 1Page - Littelfuse V150LA1 Datasheet HTML 2Page - Littelfuse V150LA1 Datasheet HTML 3Page - Littelfuse V150LA1 Datasheet HTML 4Page - Littelfuse V150LA1 Datasheet HTML 5Page - Littelfuse V150LA1 Datasheet HTML 6Page - Littelfuse V150LA1 Datasheet HTML 7Page - Littelfuse V150LA1 Datasheet HTML 8Page - Littelfuse V150LA1 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
58
www .littelfuse .com
Varistor Products
Line Voltage Operation, Radial Lead
LA Varistor Series
Device Ratings and Specifications (Continued)
V250LA2
7
2502
250
330
21
1200
354
473
730
10
90
V250LA4
7
2504
250
330
21
1200
354
429
650
10
90
V250LA10
10
250L
250
330
40
2500
354
429
650
25
220
V250LA20A
14
250L20
250
330
72
4500
354
429
650
50
500
V250LA40A
20
250L40
250
330
130
6500
354
429
650
100
1000
V250LA40B
20
250L40B
250
330
130
6500
354
413
620
100
1000
V275LA2
7
2752
275
369
23
1200
389
515
775
10
80
V275LA4
7
2754
275
369
23
1200
389
473
710
10
80
V275LA10
10
275L
275
369
45
2500
389
473
710
25
200
V275LA20A
14
275L20
275
369
75
4500
389
473
710
50
450
V275LA40A
20
275L40
275
369
140
6500
389
473
710
100
900
V275LA40B
20
275L40B
275
369
140
6500
389
453
680
100
900
V300LA2
7
3002
300
405
25
1200
420
565
870
10
70
V300LA4
7
3004
300
405
25
1200
420
517
775
10
70
V300LA10
10
300L
300
405
46
2500
420
517
775
25
180
V300LA20A
14
300L20
300
405
77
4500
420
517
775
50
400
V300LA40A
20
300L40
300
405
165
6500
420
517
775
100
800
V320LA7
7
3207
320
420
25
1200
462
565
850
10
65
V320LA10
10
320L
320
420
48
2500
462
565
850
25
170
V320LA20A
14
320L20
320
420
80
4500
462
565
850
50
380
V320LA40B
20
320L40
320
420
150
6500
462
540
810
100
750
V385LA7
7
3857
385
505
27
1200
558
682
1025
10
60
V385LA10
10
385L
385
505
51
2500
558
682
1025
25
160
V385LA20A
14
385L20
385
505
85
4500
558
682
1025
50
360
V385LA40B
20
385L40
385
505
160
6500
558
682
1025
100
700
V420LA7
7
4207
420
560
30
1200
610
748
1120
10
55
V420LA10
10
420L
420
560
55
2500
610
748
1120
25
140
V420LA20A
14
420L20
420
560
90
4500
610
748
1120
50
300
V420LA40B
20
420L40
420
560
160
6500
610
720
1060
100
600
V460LA7
7
4607
460
615
37
1200
702
858
1130
10
55
V480LA7
7
4807
480
640
35
1200
670
825
1240
10
50
V480LA10
10
480L
480
640
60
2500
670
825
1240
25
120
V480LA40A
14
480L40
480
640
105
4500
670
825
1240
50
270
V480LA80B
20
480L80
480
640
180
6500
670
790
1160
100
550
V510LA10
10
510L
510
675
63
2500
735
910
1350
25
100
V510LA40A
14
510L40
510
675
110
4500
735
910
1350
50
250
V510LA80B
20
510L80
510
675
190
6500
735
860
1280
100
500
V575LA10
10
575L
575
730
65
2500
805
1000
1500
25
90
V575LA40A
14
575L40
575
730
120
4500
805
1000
1500
50
220
V575LA80B
20
575L80
575
730
220
6500
805
960
1410
100
450
V625LA10
10
625L
625
825
67
2500
900
1100
1650
25
80
V625LA40A
14
625L40
625
825
125
4500
900
1100
1650
50
210
V625LA80B
20
625L80
625
825
230
6500
900
1100
1650
100
425
PART
NUMBER
MODEL
SIZE
DISC
DIA.
(mm)
MAXIMUM RATING (85
oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20
µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
V RMS
VDC
ENERGY
10 x 1000
µs
PEAK
CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
PART
NUMBER
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
BRANDING
BRANDING
V250LA2P
P2502
V250LA4P
P2504
V250LA10P
P250L
V250LA20AP
P250L20
V250LA40AP
P250L40
V250LA40BP
P250L40B
V275LA2P
P2752
V275LA4P
P2754
V275LA10P
P275L
V275LA20AP
P275L20
V275LA40AP
P275L40
V275LA40BP
P275L40B
V300LA2P
P3002
V300LA4P
P3004
V300LA10P
P300L
V300LA20AP
P300L20
V300LA40AP
P300L40
V320LA7P
P3207
V320LA10P
P320L
V320LA20AP
P320L20
V320LA40BP
P320L40
V385LA7P
P3857
V385LA10P
P385L
V385LA20AP
P385L20
V385LA40BP
P385L40
V420LA7P
P4207
V420LA10P
P420L
V420LA20AP
P420L20
V420LA40BP
P420L40
V460LA7P
P4607
V480LA7P
P4807
V480LA10P
P480L
V480LA40AP
P480L40
V480LA80BP
P480L80
V510LA10P
P510L
V510LA40AP
P510L40
V510LA80BP
P510L80
V575LA10P
P575L
V575LA40AP
P575L40
V575LA80BP
P575L80
V625LA10P
P625L
V625LA40AP
P625L40
V625LA80BP
P625L80
Pb
RoHS


Similar Part No. - V150LA1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V150LA1 LITTELFUSE-V150LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V150LA1 LITTELFUSE-V150LA1 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA1 LITTELFUSE-V150LA1 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
More results

Similar Description - V150LA1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com