Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5071MT-80 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5071MT-80
Description  Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5071MT-80 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5071MT-80 Datasheet HTML 1Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 2Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 3Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 4Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 5Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 6Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 7Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 8Page - National Semiconductor (TI) LM5071MT-80 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions
Pin
Name
Description
Application Information
1
VIN
System high potential input.
The diode “OR” of several lines entering the PD, it is the more
positive input potential.
2
RSIG
Signature resistor pin.
Connect a resistor from V
IN to this pin for signature detection. The
resistor is in parallel with the UVLO resistors and should be valued
accordingly.
3
RCLASS
Classification resistor pin.
Connect the classification programming resistor from this pin to V
EE.
4
AUX
Auxiliary input power startup pin.
A resistor divider between the AUX voltage input to VEE programs
the startup levels with a 2.5V threshold. A high value (>300k
Ω)
internal pull down resistor is present to pull the pin low if it is left
open. In practice, the divider voltage should be set well above 2.5V
by the programming resistors.
5
UVLO
Line under-voltage lockout.
An external resistor divider from V
IN to UVLORTN programs the
shutdown levels with a 2.00V threshold at the UVLO pin. Hysteresis
is set by a switched internal 10uA current source that forces
additional current into the resistor divider.
6
UVLORTN Return for the external UVLO resistors.
Connect the bottom resistor of the resistor divider between the
UVLO pin and this pin.
7
VEE
System low potential input.
Diode “OR’d” to the RJ45 connector and PSE’s –48V supply, it is
the more negative input potential.
8
RTN
System return for the PWM converter.
The drain of the internal current limiting power MOSFET which
connects V
EE to the return path of the dc-dc converter.
9
OUT
Output of the PWM controller.
DC-DC converter gate driver output with 800mA peak sink current
capability.
10
V
CC
Output of the internal high voltage
series pass regulator. Regulated output
voltage is nominally 7.8V.
When the auxiliary transformer winding (if used) raises the voltage
on this pin above the regulation set point, the internal series pass
regulator will shutdown, reducing the controller power dissipation.
11
FB
Feedback signal.
Inverting input of the internal error amplifier. The non-inverting input
is internally connected to a 1.25V reference.
12
COMP
The output of the error amplifier and
input to the Pulse Width Modulator.
COMP pull-up is provided by an internal 5K resistor which may be
used to bias an opto-coupler transistor.
13
CS
Current sense input.
Current sense input for current mode control and over-current
protection. Current limiting is accomplished using a dedicated
current sense comparator. If the CS pin voltage exceeds 0.5V the
OUT pin switches low for cycle-by-cycle current limiting. CS is held
low for 50ns after OUT switches high to blank leading edge current
spikes.
14
RT / SYNC Oscillator timing resistor pin and
synchronization input.
An external resistor connected from RT to ARTN sets the oscillator
frequency. This pin will also accept narrow ac-coupled
synchronization pulses from an external clock.
15
SS
Soft-start input.
An external capacitor and an internal 10uA current source set the
soft-start ramp rate.
16
ARTN
Analog PWM supply return.
RTN for sensitive analog circuitry including the SMPS current limit
amplifier.
www.national.com
3


Similar Part No. - LM5071MT-80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071MT-80 TI1-LM5071MT-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-80/NOPB TI1-LM5071MT-80/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results

Similar Description - LM5071MT-80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
   Power Over Ethernet PD Module
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com