Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V140LA20A Datasheet(PDF) 5 Page - Littelfuse

Part # V140LA20A
Description  Varistor Products - Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V140LA20A Datasheet(HTML) 5 Page - Littelfuse

  V140LA20A Datasheet HTML 1Page - Littelfuse V140LA20A Datasheet HTML 2Page - Littelfuse V140LA20A Datasheet HTML 3Page - Littelfuse V140LA20A Datasheet HTML 4Page - Littelfuse V140LA20A Datasheet HTML 5Page - Littelfuse V140LA20A Datasheet HTML 6Page - Littelfuse V140LA20A Datasheet HTML 7Page - Littelfuse V140LA20A Datasheet HTML 8Page - Littelfuse V140LA20A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
60
www .littelfuse .com
Varistor Products
Line Voltage Operation, Radial Lead
LA Varistor Series
Transient V-I Characteristics Curves
FIGURE 3. CLAMPINGVOLTAGE FOR V130LA1(P) - V300LA2(P)
FIGURE 4. CLAMPINGVOLTAGE FOR V130LA2(P) - V300LA4(P)
FIGURE 5. CLAMPINGVOLTAGE FOR V320LA7(P) - V480LA7(P)
FIGURE 6. CLAMPINGVOLTAGE FOR V130LA5(P) - V420LA10(P)
FIGURE 7. CLAMPINGVOLTAGE FOR V300LA10(P) - V660LA10(P)
FIGURE 8. CLAMPINGVOLTAGE FOR V130LA10A(P) - V320LA20A
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V150LA1(P)
V130LA1(P)
V300LA2(P)
V275LA2(P)
V250LA2(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55
oC TO 85oC
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 7mm
130 TO 300VM(AC) RATING
TA = -55
oC TO 85oC
V300LA4(P)
V275LA4(P)
V250LA4(P)
V230LA4(P)
V130LA2(P)
V140LA2(P)
V150LA2(P)
V175LA2(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 7mm
TA = -55
oC TO 85oC
320 TO 480VM(AC) RATING
V420LA7
(P)
V385LA7
(P)
V320LA7
(P)
V460LA7
(P)
V480LA7
(P)
10-3
10-2
10-1
100
101
102
104
103
5,000
3,000
2,000
1,000
500
PEAK AMPERES (A)
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V275LA10(P)
V250LA10(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 10mm
130 TO 420VM(AC) RATING
TA = -55
oC TO 85oC
V230LA10(P)
V420LA10(P)
V175LA5(P)
V130LA5(P)
V140LA5(P)
V150LA5(P)
10-3
10-2
10-1
100
101
102
104
103
5,000
3,000
2,000
1,000
500
V575LA10(P)
V510LA10(P)
V480LA10(P)
V385LA10(P)
V300LA10(P)
V320LA10(P)
PEAK AMPERES (A)
V625LA10(P)
V660LA10(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 10mm
TA = -55
oC TO 85oC
300 TO 660VM(AC) RATING
200
6,000
5,000
4,000
3,000
1,000
900
800
700
600
500
400
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V275LA20A(P)
V250LA20A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
130 TO 320VM(AC) RATING
TA = -55
oC TO 85oC
V230LA20A(P)
V175LA10A(P)
V130LA10A(P)
V140LA10A(P)
V150LA10A(P)
V320LA20A(P)
V300LA20A(P)
Pb
RoHS


Similar Part No. - V140LA20A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V140LA20A LITTELFUSE-V140LA20A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V140LA20A LITTELFUSE-V140LA20A Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V140LA20A LITTELFUSE-V140LA20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V140LA20AP LITTELFUSE-V140LA20AP Datasheet
833Kb / 13P
   Radial Lead Varistors
V140LA20AP LITTELFUSE-V140LA20AP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V140LA20A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com