Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q6010N4 Datasheet(PDF) 1 Page - Littelfuse

Part # Q6010N4
Description  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6010N4 Datasheet(HTML) 1 Page - Littelfuse

  Q6010N4 Datasheet HTML 1Page - Littelfuse Q6010N4 Datasheet HTML 2Page - Littelfuse Q6010N4 Datasheet HTML 3Page - Littelfuse Q6010N4 Datasheet HTML 4Page - Littelfuse Q6010N4 Datasheet HTML 5Page - Littelfuse Q6010N4 Datasheet HTML 6Page - Littelfuse Q6010N4 Datasheet HTML 7Page - Littelfuse Q6010N4 Datasheet HTML 8Page - Littelfuse Q6010N4 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2004 Littelfuse, Inc.
E2 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
*
Selected
Packag
es
U.L.
RECOGN
IZED
File
#E7163
9
Triacs
(0.8 A to 35 A)
E2
General Description
These gated triacs from Teccor Electronics are part of a broad
line of bidirectional semiconductors. The devices range in current
ratings from 0.8 A to 35 A and in voltages from 200 V to 1000 V.
The triac may be gate triggered from a blocking to conduction
state for either polarity of applied voltage and is designed for AC
switching and phase control applications such as speed and tem-
perature modulation controls, lighting controls, and static switch-
ing relays. The triggering signal is normally applied between the
gate and MT1.
Isolated packages are offered with internal construction, having
the case or mounting tab electrically isolated from the semicon-
ductor chip. This feature facilitates the use of low-cost assembly
and convenient packaging techniques. Tape-and-reel capability
is available. See “Packing Options” section of this catalog.
All Teccor triacs have glass-passivated junctions to ensure long-
term device reliability and parameter stability. Teccor's glass-
passivated junctions offer a rugged, reliable barrier against junc-
tion contamination.
Variations of devices covered in this data sheet are available for
custom design applications. Consult factory for more information.
R
oHS
Features
•RoHS Compliant
Electrically-isolated packages
Glass-passivated junctions
Voltage capability — up to 1000 V
Surge capability — up to 200 A
Compak Package
Surface mount package — 0.8 A and 1 A series
New small profile three-leaded Compak package
Packaged in embossed carrier tape with 2,500
devices per reel
Can replace SOT-223
E2
MT2
MT1
G
*TO-220
3-lead
Compak
TO-92
TO-251
V-Pak
TO-263
D2Pak
TO-92
TO-252
D-Pak
*TO-3
Fastpak
TO-202


Similar Part No. - Q6010N4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6010NH5 LITTELFUSE-Q6010NH5 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6010NH5 ETC2-Q6010NH5 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

Similar Description - Q6010N4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com