Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V47ZA1 Datasheet(PDF) 1 Page - Harris Corporation

Part # V47ZA1
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V47ZA1 Datasheet(HTML) 1 Page - Harris Corporation

  V47ZA1 Datasheet HTML 1Page - Harris Corporation V47ZA1 Datasheet HTML 2Page - Harris Corporation V47ZA1 Datasheet HTML 3Page - Harris Corporation V47ZA1 Datasheet HTML 4Page - Harris Corporation V47ZA1 Datasheet HTML 5Page - Harris Corporation V47ZA1 Datasheet HTML 6Page - Harris Corporation V47ZA1 Datasheet HTML 7Page - Harris Corporation V47ZA1 Datasheet HTML 8Page - Harris Corporation V47ZA1 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-34
File Number
2184.6
1-800-999-9445 or 1-847-824-1188
| Copyright
© Littelfuse, Inc. 1999
ZA Series
Radial Lead Metal-Oxide Varistors for Low
to Medium Voltage Operation
The ZA Series of transient voltage surge suppressors are
radial-lead varistors (MOVs) designed for use in the
protection of low and medium-voltage circuits and systems.
Typical applications include motor control, telecom,
automotive systems, solenoid, and power supply circuits to
protect circuit board components and maintain data integrity.
These devices are available in five model sizes: 5mm, 7mm,
10mm, 14mm and 20mm, and feature a wide VDC voltage
range of 5.5V to 615V.
See ZA Series Device Ratings and Specifications table for
part number and brand information.
Features
• Recognized as “Protectors for Data Communications and
Fire Alarm Circuits”, UL File #E135010 to Std. 497B
• VDE Certified. License Number 116895E
• Wide Operating Voltage Range VM(AC)RMS . . . . 4V to 460V
• DC Voltage Ratings . . . . . . . . . . . . . . . . . . . 5.5V to 615V
• No Derating Up to 85oC Ambient
• 5 Model Sizes Available . . . . . . . . 5, 7, 10, 14, and 20mm
• Radial-Lead Package for Hard-Wired or Printed Circuit
Board Designs
• Available in Tape and Reel or Bulk Pack
• Standard Lead Form Options
Packaging
14MM, 20MM
5MM, 7MM, 10MM
Data Sheet
July 1999
[ /Title
(ZA
Series)
/Sub-
ject
(Radial
Lead
Metal-
Oxide
Varis-
tors for
Low to
Mediu
m Volt-
age
Opera-
tion)
/Autho
r ()
/Key-
words
(Littel-
fuse,
Inc.,
Sup-
pres-
sion
Prod-
ucts,
TVS,
Tran-
sient
Sup-
pres-
sion,
Protec-
tion,
Auto-
motive,


Similar Part No. - V47ZA1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZA1 LITTELFUSE-V47ZA1 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V47ZA1P LITTELFUSE-V47ZA1P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V47ZA1P LITTELFUSE-V47ZA1P Datasheet
825Kb / 13P
   Radial Lead Varistors
V47ZA1P LITTELFUSE-V47ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
V47ZA1P LITTELFUSE-V47ZA1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
More results

Similar Description - V47ZA1

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com