Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5071 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5071
Description  Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5071 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5071 Datasheet HTML 7Page - National Semiconductor (TI) LM5071 Datasheet HTML 8Page - National Semiconductor (TI) LM5071 Datasheet HTML 9Page - National Semiconductor (TI) LM5071 Datasheet HTML 10Page - National Semiconductor (TI) LM5071 Datasheet HTML 11Page - National Semiconductor (TI) LM5071 Datasheet HTML 12Page - National Semiconductor (TI) LM5071 Datasheet HTML 13Page - National Semiconductor (TI) LM5071 Datasheet HTML 14Page - National Semiconductor (TI) LM5071 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Classification (Continued)
TABLE 2. Classification Levels and Required External
Resistors
Class
PMIN
PMAX
ICLASS
(MIN)
ICLASS
(MAX)
RCLASS
0
0.44W
12.95W
0mA
4mA
Open
1
0.44W
3.84W
9mA
12mA
150
2
3.84W
6.49W
17mA
20mA
82.5
3
6.49W
12.95W
26mA
30mA
54.9
4
Reserved
Reserved
36mA
44mA
38.3
Undervoltage Lockout (UVLO)
The IEEE 802.3af specification states that the PSE will
supply power to the PD within 400ms after completion of
detection. The LM5071 contains a programmable line Under
Voltage Lock Out (UVLO) circuit. The first resistor should be
connected between the V
IN to UVLO pins; the bottom resis-
tor in the divider should be connected between the UVLO
and UVLORTN pins.
The divider must be designed such that the voltage at the
UVLO pin equals 2.0V when V
IN reaches the desired mini-
mum operating level. If the UVLO threshold is not met, the
interface control and SMPS control will remain in standby.
UVLO hysteresis is accomplished with an internal 10uA
current source that is switched on and off into the impedance
of the UVLO set point divider. When the UVLO threshold is
exceeded, the current source is activated to instantly raise
the voltage at the UVLO pin. When the UVLO pin voltage
falls below the 2.00V threshold, the current source is turned
off, causing the voltage at the UVLO pin to fall. The LM5071
UVLO thresholds cannot be programmed lower than 25V,
the AUX pin should be used to force UVLO release below
25V.
There are many additional uses for the UVLO pin. The UVLO
function can also be used to implement a remote enable /
disable function. Pulling the UVLO pin down below the
UVLO threshold disables the interface and SMPS controller
unless forced on via AUX pin operation.
AUX Pin Operation
The AUX pin can be used to force operation (UVLO release)
of the interface and switching regulator at any input voltage
above 9.5V. This is especially useful for auxiliary input (wall
transformer) input voltages. The pin has a 2.5V threshold
(0.5V hysteresis) and an input impedance of approximately
350k
Ω. The input resistor provides a defined pull down
impedance if the pin is left open by the user. An external pull
down resistor should be used to provide additional noise
immunity. The resultant pin voltage from the external resistor
divider should be well above the 2.5V threshold to ensure
proper auxiliary operation. See Figure 4 for an example of a
simple yet robust auxiliary configuration.
20168422
FIGURE 4. Simplified Schematic Showing Auxiliary Implementation
www.national.com
11


Similar Part No. - LM5071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI-LM5071 Datasheet
1Mb / 24P
[Old version datasheet]   Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
LM5071 TI1-LM5071 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50/NOPB TI1-LM5071MT-50/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-80 TI1-LM5071MT-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results

Similar Description - LM5071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
   Power Over Ethernet PD Module
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com