Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5071 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5071
Description  Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5071 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5071 Datasheet HTML 1Page - National Semiconductor (TI) LM5071 Datasheet HTML 2Page - National Semiconductor (TI) LM5071 Datasheet HTML 3Page - National Semiconductor (TI) LM5071 Datasheet HTML 4Page - National Semiconductor (TI) LM5071 Datasheet HTML 5Page - National Semiconductor (TI) LM5071 Datasheet HTML 6Page - National Semiconductor (TI) LM5071 Datasheet HTML 7Page - National Semiconductor (TI) LM5071 Datasheet HTML 8Page - National Semiconductor (TI) LM5071 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Block Diagram (Continued)
Connection Diagram
20168403
16 Lead TSSOP
Ordering Information
Order Number
Description
NSC Package Type /
Drawing
Supplied As
LM5071MT-50
50% Duty Cycle Limit
TSSOP-16/MTC-16
92 units per rail
LM5071MTX-50
50% Duty Cycle Limit
TSSOP-16/MTC-16
2500 units on tape and reel
LM5071MT-80
80% Duty Cycle Limit
TSSOP-16/MTC-16
92 units per rail
LM5071MTX-80
80% Duty Cycle Limit
TSSOP-16/MTC-16
2500 units on tape and reel
20168402
FIGURE 1. Simplified Block Diagram
www.national.com
2


Similar Part No. - LM5071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI-LM5071 Datasheet
1Mb / 24P
[Old version datasheet]   Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
LM5071 TI1-LM5071 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50/NOPB TI1-LM5071MT-50/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-80 TI1-LM5071MT-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results

Similar Description - LM5071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
   Power Over Ethernet PD Module
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com