Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V430RA16 Datasheet(PDF) 1 Page - Littelfuse

Part # V430RA16
Description  Varistor Products - Low Profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V430RA16 Datasheet(HTML) 1 Page - Littelfuse

  V430RA16 Datasheet HTML 1Page - Littelfuse V430RA16 Datasheet HTML 2Page - Littelfuse V430RA16 Datasheet HTML 3Page - Littelfuse V430RA16 Datasheet HTML 4Page - Littelfuse V430RA16 Datasheet HTML 5Page - Littelfuse V430RA16 Datasheet HTML 6Page - Littelfuse V430RA16 Datasheet HTML 7Page - Littelfuse V430RA16 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
137
www .littelfuse .com
Varistor Products
2
Low Profile
RA Varistor Series
The RA Series transient surge suppressors are varistors (MOVs)
supplied in a low-profile box that features a precise seating plane to
increase mechanical stability for secure circuit-board mounting. This
feature makes these devices suitable for industrial applications critical
to vibration. Their construction permits operation up to 125oC (ambient)
without derating.
The RA series are available in voltage ratings up to 275V VM(AC)RMS,
and energy levels up to 140J. These varistors are used in automotive,
motor-control, telecommunication, and military applications.
See RA Series Device Ratings and Specifications table for part number
and brand information.
Features
• Low Profile Outline with Precise Seating Plane
• No Derating up to 125oC Ambient
• Wide Operating Voltage Range
VM(AC)RMS.....................................4V to 275V
VM(DC). ...................................... .5.5V to 369V
• High Energy Absorption Capability W TM . ............up to 140J
• 3 Model Sizes Available . ........ RA8, RA16, and RA22
• In-Line Leads
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories. Certified by CSA.
AGENCY FILE NUMBERS: UL E75961, E56529, E135010;
CSA LR91788.
®
®


Similar Part No. - V430RA16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V430-AF0 OMRON-V430-AF0 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
V430-AF0R OMRON-V430-AF0R Datasheet
6Mb / 42P
   Autofocus Multicode Reader
V430-AF1 OMRON-V430-AF1 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
V430-AF10 OMRON-V430-AF10 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
V430-AF11 OMRON-V430-AF11 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
More results

Similar Description - V430RA16

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com