Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V575PA80C Datasheet(PDF) 2 Page - Littelfuse

Part # V575PA80C
Description  Varistor Products - Base Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V575PA80C Datasheet(HTML) 2 Page - Littelfuse

  V575PA80C Datasheet HTML 1Page - Littelfuse V575PA80C Datasheet HTML 2Page - Littelfuse V575PA80C Datasheet HTML 3Page - Littelfuse V575PA80C Datasheet HTML 4Page - Littelfuse V575PA80C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
133
www .littelfuse .com
Varistor Products
2
Base Mount
PA Varistor Series
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130 to 660
V
DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175 to 850
V
Transient:
Peak Pulse Current (ITM)
For 8/20µs Current Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6500
A
Single Pulse Energy Range
For 10/1000µs Current Wave (WTM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 to 250
J
Operating Ambient Temperature Range (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 85
O
C
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125
O
C
Temperature Coefficient (αV) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
%/OC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications
PA SERIES
UNITS
PART NUMBER
AND DEVICE
BRANDING
MAXIMUM RATINGS (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLTAGE
AT 1mA DC
TEST CURRENT
MAX CLAMPING
VOLT VC AT TEST
CURRENT (8/20µs)
TYPICAL
CAPACI-
TANCE
VRMS
VDC
ENERGY
(10/1000µs)
PEAK
CURRENT
(8/20µs)
VM(AC)
VM(DC)
WTM
ITM
MIN
VN(DC)
MAX
VC
IP
f = 1MHz
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(A)
(pF)
V130PA20A
130
175
70
6500
184
200
243
360
100
1900
V130PA20C
130
175
70
6500
184
200
220
325
100
1900
V150PA20A
150
200
80
6500
212
240
284
420
100
1600
V150PA20C
150
200
80
6500
212
240
243
360
100
1600
V250PA40A
250
330
130
6500
354
390
453
675
100
1000
V250PA40C
250
330
130
6500
354
390
413
620
100
1000
V275PA40A
275
369
140
6500
389
430
494
740
100
900
V275PA40C
275
369
140
6500
389
430
453
680
100
900
V320PA40A
320
420
160
6500
462
510
565
850
100
750
V320PA40C
320
350
350
420
460
460
160
165
165
6500
6500
6500
462
500
500
510
559
535
540
618
570
800
910
840
100
100
100
750
700
700
V420PA40A
420
560
170
6500
610
680
790
1160
100
600
V420PA40C
420
560
170
6500
610
680
690
1050
100
600
V480PA80A
480
640
180
6500
670
750
860
1280
100
550
V480PA80C
480
640
180
6500
670
750
790
1160
100
550
V510PA80A
510
675
190
6500
735
820
963
1410
100
500
V510PA80C
510
675
190
6500
735
820
860
1280
100
500
V575PA80A
575
730
220
6500
805
910
1050
1560
100
450
V575PA80C
575
730
220
6500
805
910
960
1410
100
450
V660PA100A
660
850
250
6500
940
1050
1210
1820
100
400
V350PA40A
V350PA40C


Similar Part No. - V575PA80C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
V575PA80C NJSEMI-V575PA80C Datasheet
78Kb / 2P
   RATINGS AND CHARACTERISTICS TABLE
More results

Similar Description - V575PA80C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com