Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT0805ML120L Datasheet(PDF) 1 Page - Littelfuse

Part # WT0805ML120L
Description  Multilayer Ceramic Transient Voltage Suppressor Low Capacity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WT0805ML120L Datasheet(HTML) 1 Page - Littelfuse

  WT0805ML120L Datasheet HTML 1Page - Littelfuse WT0805ML120L Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050915
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
TTTTType
ype
ype
ype
ype
TTTTTerminal Code Packaging
erminal Code Packaging
erminal Code Packaging
erminal Code Packaging
erminal Code Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
WT0805ML140 L
P
T
VVVVVARISTORS
ARISTORS
ARISTORS
ARISTORS
ARISTORS
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
TVS 0805 SMD
TVS 0805 SMD
TVS 0805 SMD
TVS 0805 SMD
TVS 0805 SMD
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
Tape and Reel
T
7 inch reel (3.000 pcs.)
Material
Material
Material
Material
Material
Body:
Ceramic (ZnO)
Terminals:
Ni/Sn plated (code “P”)
Ag/Pt/Pd non plated
(code “N” on request)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-55 to +125°C
Solderability
Solderability
Solderability
Solderability
Solderability
acc. to IEC 60068-2-58
235°C, 2s
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-58)
280ºC, 5 sec. (IEC 60068-2-58)
Response T
Response T
Response T
Response T
Response Time
ime
ime
ime
ime
<0.5ns
TTTTTemperature
emperature
emperature
emperature
emperature cccccoefficient (
oefficient (
oefficient (
oefficient (
oefficient (αααααV) of
V) of
V) of
V) of
V) of ccccclamping
lamping
lamping
lamping
lamping
vvvvvoltage (Vc) @ specified test current
oltage (Vc) @ specified test current
oltage (Vc) @ specified test current
oltage (Vc) @ specified test current
oltage (Vc) @ specified test current
<0.01%/°C
Power dissipation
Power dissipation
Power dissipation
Power dissipation
Power dissipation
0.1W max.
Standards
Standards
Standards
Standards
Standards
IEC 61000-4-2
MIL-STD-883C
Multilayer Ceramic T
Multilayer Ceramic T
Multilayer Ceramic T
Multilayer Ceramic T
Multilayer Ceramic Transient
ransient
ransient
ransient
ransient
VVVVVoltage Suppressor
oltage Suppressor
oltage Suppressor
oltage Suppressor
oltage Suppressor
Low Capacity
Low Capacity
Low Capacity
Low Capacity
Low Capacity
Features
Features
Features
Features
Features
Thin layer, high precise techniques
Lead free
Bi-directional clamping
Standard and low capacity
Available with Nickel/tin end termination
Applications
Applications
Applications
Applications
Applications
Circuit board and ESD, EFT
Protection of:
• I/O ports
• Keyboards
• LCD‘s
• Sensors
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further infos see:
Further infos see:
Further infos see:
Further infos see:
Further infos see:
www.wickmanngroup.com
Further technical infos see technical
Further technical infos see technical
Further technical infos see technical
Further technical infos see technical
Further technical infos see technical
varistor file:
varistor file:
varistor file:
varistor file:
varistor file:
www.wickmanngroup.com/download/
techvaristor.pdf
Specifications are subject
to change without notice
2.00–0.20
1.25–0.15
1.20
0.40–0.25
typ.
inductance
max. cont.
working
voltage
max.
non-repetitive
surge current
(8/20 µs)
Type
max. non-repetitive
surge energy
(10/1000 µs)
max. clamping
voltage at spec.
current
(8/20 µs)
nominal voltage
at 1mA (DC)
test current
typ.
capacitance
WT0805ML030L
WT0805ML050L
WT0805ML090L
WT0805ML120L
WT0805ML140L
WT0805ML180L
WT0805ML220L
WT0805ML260L
WT0805ML300L
V
M(AC)
(V)
2,5
4,0
6,0
9,0
11,0
14,0
17,0
20,0
25,0
V
M(DC)
(V)
3,3
5,5
9,0
12,0
14,0
18,0
22,0
26,0
30,0
I
TM
(A)
40
40
40
40
40
40
40
40
40
W
TM
(J)
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
V
c
(V@A)
10,0 @ 2
15,5 @ 2
20,0 @ 2
25,0 @ 2
30,0 @ 2
40,0 @ 2
44,0 @ 2
58,0 @ 2
65,0 @ 2
V
N(DC)min.
(V)
3,8
7,1
10,0
14,0
16,0
22,0
24,3
29,5
35,0
V
N(DC)max.
(V)
7,0
9,8
14,5
18,5
21,0
28,0
30,0
38,0
43,0
1KHz
C
typ.
(pF)
2.080
790
650
560
445
330
320
330
220
L
typ.
(nH)
1,5
1,5
1,5
1,5
1,5
1,5
1,5
1,5
1,5
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Specifications (25°C)
Specifications (25°C)
Specifications (25°C)
Specifications (25°C)
Specifications (25°C)
1MHz
C
typ.
(pF)
1.900
720
550
480
380
290
280
285
190
This product is not recommended
for new designs. Please refer to
Littelfuse series MLA.


Similar Part No. - WT0805ML120L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WT0805ML120A LITTELFUSE-WT0805ML120A Datasheet
74Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
More results

Similar Description - WT0805ML120L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WT0402ML050L LITTELFUSE-WT0402ML050L Datasheet
70Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor Low Capacity
WT1206ML030L LITTELFUSE-WT1206ML030L Datasheet
83Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Low Capacity
WT0603ML050L LITTELFUSE-WT0603ML050L Datasheet
83Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1210ML180A LITTELFUSE-WT1210ML180A Datasheet
80Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1812ML050A LITTELFUSE-WT1812ML050A Datasheet
98Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT0805ML030A LITTELFUSE-WT0805ML030A Datasheet
74Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1206ML030A LITTELFUSE-WT1206ML030A Datasheet
97Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
DB Lectro Inc
JV2220ML050A DBLECTRO-JV2220ML050A Datasheet
152Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
Littelfuse
WT2220ML050A LITTELFUSE-WT2220ML050A Datasheet
115Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
DB Lectro Inc
TVS0603SMD DBLECTRO-TVS0603SMD Datasheet
112Kb / 3P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com