Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V112BB60 Datasheet(PDF) 5 Page - Littelfuse

Part # V112BB60
Description  Varistor Products - High Energy Industrial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V112BB60 Datasheet(HTML) 5 Page - Littelfuse

  V112BB60 Datasheet HTML 1Page - Littelfuse V112BB60 Datasheet HTML 2Page - Littelfuse V112BB60 Datasheet HTML 3Page - Littelfuse V112BB60 Datasheet HTML 4Page - Littelfuse V112BB60 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
High Energy Industrial
BA/BB Varistor Series
Varistor Products
76
www .littelfuse .com
Mechanical Dimensions
BA SERIES
C
L
100
±1 (3.94± .039")
23.5
±.75 (.925± .030")
Ordering Information
BB SERIES
7.0
(0.28)
C
L
VARISTOR
VM(AC)
First Significant Digits
DISC SIZE (60mm)
VXXXXX60
SERIES DESIGNATOR
VM(AC)
Decade Multiplier
NOTES:
1. Typical weight:
BA............................................................................................ ..250g
BB...............................................................................................600g
Dimensions are in mm; inches in parentheses for reference only.
Next
Previous


Similar Part No. - V112BB60

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
V112BB60 MDE-V112BB60 Datasheet
723Kb / 2P
   Series Block Varistor
V112BB60 MDE-V112BB60 Datasheet
723Kb / 2P
   BA/BB 60 Series Block Varistor
More results

Similar Description - V112BB60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com