Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA180CA Datasheet(PDF) 3 Page - Littelfuse

Part # SA180CA
Description  Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA180CA Datasheet(HTML) 3 Page - Littelfuse

  SA180CA Datasheet HTML 1Page - Littelfuse SA180CA Datasheet HTML 2Page - Littelfuse SA180CA Datasheet HTML 3Page - Littelfuse SA180CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Avalanche Diodes
288
www .littelfuse .com
500 Watt Axial Leaded Transient Voltage Suppressors
®
Fig. 1 Peak Pulse Power Rating Curve
0.1s
1.0s
10s
100s
1.0ms
10ms
0.1
1
10
30
Non-repetitive Pulse
Waveform Shown in Fig. 3
TA=25˚C
td- Pulse Width (sec.)
Fig. 2 Pulse Derating Curve
TA- Ambient Temperature (˚C)
0
0
25
25
50
50
75
75
100
100
125 150 175 200
Fig. 3 Pulse Waveform
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
Half Value IPPM
2
TJ=25˚C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Fig. 6- Maximum Non-Repetitive
1
10
100
200
10
100
Number of Cycles at 60Hz
Forward Surge Current
Uni-Directional Only
8.3 Single Half Sine-Wave
(JEDEC Method)
Undirectional Only
Fig. 4- Typical Junction Capacitance
6000
1000
100
10
5
100
500
VWM-Reverse Stand-Off Voltage (V)
VR=Rated
Stand-Off Voltage
TJ=25˚C
f=1MHZ
Vsig=50mVp-p
Uni-Directional
Bi-Directional
VR=
Fig. 5 Steady State Power
Derating Curve
T1- Lead Temperature (˚C)
0
0
25
1.0
50
2.0
75
3.0
100
4.0
125 150 175 200
L=0.375"(9.5mm)
Lead Lengths
1.6x1.6x.040
(40x40x1mm)
Copper Heat Sinks
P
P
P
Td
Td
Td
Half SINE
Exponential
Square
SA Series
RoHS


Similar Part No. - SA180CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180CA WTE-SA180CA Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SA180CA LEIDITECH-SA180CA Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Pan Jit International I...
SA180CA PANJIT-SA180CA Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
SA180CA RFE-SA180CA Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
TAITRON Components Inco...
SA180CA TAITRON-SA180CA Datasheet
270Kb / 6P
   500W Glass Passivated Junction Transient Voltage Suppressor
More results

Similar Description - SA180CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com