Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WH0603ML180W Datasheet(PDF) 1 Page - Littelfuse

Part # WH0603ML180W
Description  Multilayer Ceramic Transient Voltage Suppressors for High Speed Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WH0603ML180W Datasheet(HTML) 1 Page - Littelfuse

  WH0603ML180W Datasheet HTML 1Page - Littelfuse WH0603ML180W Datasheet HTML 2Page - Littelfuse WH0603ML180W Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
050915
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
TTTTType
ype
ype
ype
ype
TTTTTerminal Code Packaging
erminal Code Packaging
erminal Code Packaging
erminal Code Packaging
erminal Code Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
WH0402ML180 W
P
T
VVVVVARISTORS
ARISTORS
ARISTORS
ARISTORS
ARISTORS
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
High Speed Series
High Speed Series
High Speed Series
High Speed Series
High Speed Series
SMD
SMD
SMD
SMD
SMD
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
Tape and Reel
T 7 inch reel
0402
(10.000 pcs)
0603
(4.000 pcs.)
Material
Material
Material
Material
Material
Body:
Ceramic (ZnO)
Terminals:
Ni/Sn plated (Code “P”)
Ag/PT/Pd non plated
code “N” on request
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-55 to +125°C
Solderability
Solderability
Solderability
Solderability
Solderability
acc. to IEC 60068-2-58
235°C, 2s
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-58)
280ºC, 5 sec. (IEC 60068-2-58)
Standards
Standards
Standards
Standards
Standards
IEC 61000-4-2
MIL-STD-883C
Multilayer Ceramic T
Multilayer Ceramic T
Multilayer Ceramic T
Multilayer Ceramic T
Multilayer Ceramic Transient
ransient
ransient
ransient
ransient
VVVVVoltage Suppressor
oltage Suppressor
oltage Suppressor
oltage Suppressor
oltage Suppressors for
s for
s for
s for
s for
High Speed Applications
High Speed Applications
High Speed Applications
High Speed Applications
High Speed Applications
Features
Features
Features
Features
Features
Ultra low capacitance
Bi-directional clamping
Available with Nickel/Tin end termination or lead free
Applications
Applications
Applications
Applications
Applications
Portable / Handheld Products
Universal Serial Bus
Data, Diagnostic I/O Ports
Video/Audio Ports
Mobile Communications
Computer/DSP Products
Industrial Instruments and High Speed Data Line
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further infos see:
Further infos see:
Further infos see:
Further infos see:
Further infos see:
www.wickmanngroup.com
Further technical infos see technical
Further technical infos see technical
Further technical infos see technical
Further technical infos see technical
Further technical infos see technical
varistor file:
varistor file:
varistor file:
varistor file:
varistor file:
www.wickmanngroup.com/download/
techvaristor.pdf
Specifications are subject
to change without notice
L
W
T
a
max. cont.
working
voltage
Type
max. clamping
voltage at
1A
(8/20µs)
max. leakage current
@ specified DC
voltage
typ.
capacitance
at 1MHz
WH0402ML090T
WH0402ML180W
WH0402ML420R
WH0603ML090T
WH0603ML180W
WH0603ML420R
V
M(DC)
(V)
9,0
18,0
42,0
9,0
18,0
42,0
V
C
(V)
30
55
110
30
55
110
3.5 V
µA
0.50
0.10
0.10
0.50
0.10
0.10
5.5 V
µA
1.00
0.15
0.15
1.00
0.15
0.15
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Maximum Ratings (125°C)
Specifications (25°C)
Specifications (25°C)
Specifications (25°C)
Specifications (25°C)
Specifications (25°C)
(note 2)
C
typ.
(pF)
22
12
3
22
12
3
max. non-repetitive
surge energy
(10/1000µs)
W
TM
(J)
0,02
0,025
0,01
0,02
0,025
0,01
max. ESD
clamp voltage
8kV contact
(note 1)
V
C
(V)
65
125
300
65
125
300
Note 1: Maximum ESD clamp voltage tested with IEC 61000-4-2 Human Body Model discharge test circuit and direct
discharge to device terminals.
Note 2: Capacitance may be customized, please contact WICKMANN for availability
9.0 V
µA
-
1.00
0.25
-
1.00
0.25
15.0 V
µA
-
5.00
0.50
-
5.00
0.50
This product is not recommended
for new designs. Please refer to
Littelfuse series MHS.


Similar Part No. - WH0603ML180W

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WH0603M050CGB100N WALSIN-WH0603M050CGB100N Datasheet
718Kb / 21P
   For ESD Protection at High Speed Application
WH0603M050CGB101N WALSIN-WH0603M050CGB101N Datasheet
718Kb / 21P
   For ESD Protection at High Speed Application
WH0603M050CGB220N WALSIN-WH0603M050CGB220N Datasheet
718Kb / 21P
   For ESD Protection at High Speed Application
WH0603M050CGB330N WALSIN-WH0603M050CGB330N Datasheet
718Kb / 21P
   For ESD Protection at High Speed Application
WH0603M050CGB5R0N WALSIN-WH0603M050CGB5R0N Datasheet
718Kb / 21P
   For ESD Protection at High Speed Application
More results

Similar Description - WH0603ML180W

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WA0805ML180A LITTELFUSE-WA0805ML180A Datasheet
46Kb / 1P
   Multilayer Ceramic Transient Voltage Suppressors for Automotive Applications
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
WE0402ML180L LITTELFUSE-WE0402ML180L Datasheet
66Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressors for ESD Protection
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com