Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V27ZA05P Datasheet(PDF) 2 Page - Littelfuse

Part # V27ZA05P
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27ZA05P Datasheet(HTML) 2 Page - Littelfuse

  V27ZA05P Datasheet HTML 1Page - Littelfuse V27ZA05P Datasheet HTML 2Page - Littelfuse V27ZA05P Datasheet HTML 3Page - Littelfuse V27ZA05P Datasheet HTML 4Page - Littelfuse V27ZA05P Datasheet HTML 5Page - Littelfuse V27ZA05P Datasheet HTML 6Page - Littelfuse V27ZA05P Datasheet HTML 7Page - Littelfuse V27ZA05P Datasheet HTML 8Page - Littelfuse V27ZA05P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
68
www .littelfuse .com
Varistor Products
ZA Varistor Series
Low to Medum Voltage, Radial Lead
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart.
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 to 460
V
DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 to 615
V
Transient:
Peak Pulse Current (ITM)
For 8/20µs Current Wave (See Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 6500
A
Single Pulse Energy Range (Note 1)
For 10/1000µs Current Wave (WTM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.1 to 52
J
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to85
o
C
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to125
o
C
Temperature Coefficient ( V) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
%/oC
Hi-Pot Encapsulation (Isolation Voltage Capability) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500
V
(Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
Insulation Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000
MΩ
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications (Note 1)
ZA SERIES
UNITS
PART
NUMBER
MODEL
SIZE
DISC
DIA. (mm)
BRANDING
MAXIMUM RATING (85 oC)
SPECIFICATIONS (25 oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20
µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VRMS
VDC
ENERGY 10
x 1000
µs
PEAK
CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
V8ZA05
5
Z08
4
5.5
0.1
50
6
11
30
1
1400
V8ZA1
7
08Z1
4
5.5
0.4
100
6
11
22
2.5
3000
V8ZA2
10
08Z2
4
5.5
0.8
250
6
11
20
5
7500
V12ZA05
5
Z12
6
8
0.14
50
9
16
37
1
1200
V12ZA1
7
12Z1
6
8
0.6
100
9
16
34
2.5
2500
V12ZA2
10
12Z2
6
8
1.2
250
9
16
30
5
6000
V18ZA05
5
Z18
10
14
0.17
100
14.4
21.6
36
1
1000
V18ZA1
7
18Z1
10
14
0.8
250
14.4
21.6
36
2.5
2000
V18ZA2
10
18Z2
10
14
1.5
500
14.4
21.6
36
5
5000
V18ZA3
14
18Z3
10
14
3.5
1000
14.4
21.6
36
10
11000
V18ZA40
20
18Z40
10
14
80 (Note 2)
2000
14.4
(Note 3)
21.6
37
20
22000
V22ZA05
5
Z22
14
18
0.2
100
18.7
26
43
1
800
V22ZA1
7
22Z1
14
18
0.9
250
18.7
26
43
2.5
1600
V22ZA2
10
22Z2
14
18
2
500
18.7
26
43
5
4000
V22ZA3
14
22Z3
14
18
4
1000
18.7
26
43
10
9000
V24ZA50
20
24Z50
14
18
(Note 4)
100 (Note 2)
2000
19.2
(Note 3)
26
43
20
18000
V27ZA05
5
Z27
17
22
0.25
100
23
31.1
53
1
600
V27ZA1
7
27Z1
17
22
1
250
23
31.1
53
2.5
1300
V27ZA2
10
27Z2
17
22
2.5
500
23
31.1
53
5
3000
V27ZA4
14
27Z4
17
22
5
1000
23
31.1
53
10
7000
V27ZA60
20
27Z60
17
22
120 (Note 2)
2000
23
(Note 3)
31.1
50
20
13000
PART
NUMBER
BRANDING
V8ZA05P
PZ08
V8ZA1P
P08Z1
V8ZA2P
P08Z2
V12ZA05P
PZ12
V12ZA1P
P12Z1
V12ZA2P
P12Z2
V18ZA05P
PZ18
V18ZA1P
P18Z1
V18ZA2P
P18Z2
V18ZA3P
P18Z3
V18ZA40P
P18Z40
V22ZA05P
PZ22
V22ZA1P
P22Z1
V22ZA2P
P22Z2
V22ZA3P
P22Z3
V24ZA50P
P24Z50
V27ZA05P
PZ27
V27ZA1P
P27Z1
V27ZA2P
P27Z2
V27ZA4P
P27Z4
V27ZA60P
P27Z60
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
See Page 70 for NOTES
Pb
RoHS


Similar Part No. - V27ZA05P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27ZA05P LITTELFUSE-V27ZA05P Datasheet
825Kb / 13P
   Radial Lead Varistors
V27ZA05P LITTELFUSE-V27ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
V27ZA05P LITTELFUSE-V27ZA05P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V27ZA05P LITTELFUSE-V27ZA05P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V27ZA05P LITTELFUSE-V27ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V27ZA05P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com