Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q6016RH3 Datasheet(PDF) 1 Page - Littelfuse

Part # Q6016RH3
Description  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6016RH3 Datasheet(HTML) 1 Page - Littelfuse

  Q6016RH3 Datasheet HTML 1Page - Littelfuse Q6016RH3 Datasheet HTML 2Page - Littelfuse Q6016RH3 Datasheet HTML 3Page - Littelfuse Q6016RH3 Datasheet HTML 4Page - Littelfuse Q6016RH3 Datasheet HTML 5Page - Littelfuse Q6016RH3 Datasheet HTML 6Page - Littelfuse Q6016RH3 Datasheet HTML 7Page - Littelfuse Q6016RH3 Datasheet HTML 8Page - Littelfuse Q6016RH3 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2004 Littelfuse, Inc.
E4 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
*
Selected
Packag
es
U.L.
RECOGN
IZED
File
#E71639
Alternistor Triacs
(6 A to 40 A)
E4
General Description
Teccor offers bidirectional alternistors with current ratings from
6 A to 40 A and voltages from 200 V to 1000 V as part of Tec-
cor's broad line of thyristors. Teccor's alternistor is specifically
designed for applications that switch highly inductive loads.
A special chip offers the same performance as two thyristors
(SCRs) wired inverse parallel (back-to-back), providing better
turn-off behavior than a standard triac. An alternistor may be trig-
gered from a blocking to conduction state for either polarity of
applied AC voltage with operating modes in Quadrants I, II,
and III.
This new chip construction provides two electrically separate
SCR structures, providing enhanced dv/dt characteristics while
retaining the advantages of a single-chip device.
All alternistors have glass-passivated junctions to ensure long-
term reliability and parameter stability. Teccor's glass-passivated
junctions offer a reliable barrier against junction contamination.
Teccor's TO-218X package is designed for heavy, steady power-
handling capability. It features large eyelet terminals for ease of
soldering heavy gauge hook-up wire. All the isolated packages
have a standard isolation voltage rating of 2500 V rms.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for further
information.
R
oHS
Features
•RoHS Compliant
High surge current capability
Glass-passivated junctions
2500 V ac isolation for L, J, and K Packages
High commutating dv/dt
High static dv/dt
*TO-220
*TO-218
*TO-218X
MT2
MT1
G
E4
TO-263
D2Pak
TO-252
D-Pak
TO-251
V-Pak


Similar Part No. - Q6016RH3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q6016RH3 ETC2-Q6016RH3 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

Similar Description - Q6016RH3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com