Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V33MA1B Datasheet(PDF) 1 Page - Littelfuse

Part # V33MA1B
Description  Varistor Products - Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V33MA1B Datasheet(HTML) 1 Page - Littelfuse

  V33MA1B Datasheet HTML 1Page - Littelfuse V33MA1B Datasheet HTML 2Page - Littelfuse V33MA1B Datasheet HTML 3Page - Littelfuse V33MA1B Datasheet HTML 4Page - Littelfuse V33MA1B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
127
www .littelfuse .com
Varistor Products
2
Axial Lead
MA Varistor Series
The MA Series of transient surge suppressors are axial-lead metal-oxide
varistors (MOVs) for use in a wide variety of board level industrial and
commercial electronic equipment. They are intended to protect
components and signal/data lines from low energy transients where the
small axial lead package is required.
The MA Series is offered with standard (S suffix) or tightened (B suffix)
clamping voltage.
See MA Series Device Ratings and Specifications table for part number
and brand information.
Features
• 3mm Diameter Disc Size
• Small Axial Lead Package
• Wide Operating Voltage Range
VM(AC)RMS..................................... .9V to 264V
VM(DC) ....................................... .13V to 365V
• Available in Tape and Reel or Bulk Packaging
• No Derating Up to 85oC Ambient


Similar Part No. - V33MA1B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33MA1B LITTELFUSE-V33MA1B Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors
V33MA1B LITTELFUSE-V33MA1B Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V33MA1B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com