Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V33MA1A Datasheet(PDF) 4 Page - Littelfuse

Part # V33MA1A
Description  Varistor Products - Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V33MA1A Datasheet(HTML) 4 Page - Littelfuse

  V33MA1A Datasheet HTML 1Page - Littelfuse V33MA1A Datasheet HTML 2Page - Littelfuse V33MA1A Datasheet HTML 3Page - Littelfuse V33MA1A Datasheet HTML 4Page - Littelfuse V33MA1A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
130
www .littelfuse .com
Varistor Products
MA Varistor Series
FIGURE 3. CLAMPINGVOLTAGE FOR V18MA1A/S - V100MA4A/S
FI GURE 4. CLAMPINGVOLTAGE FOR V120MA1A/S -
V430MA3A
FIGURE 5. CLAMPINGVOLTAGE FOR V18MA1B - V100MA4B
FIGURE 6. CLAMPINGVOLTAGE FOR V120MA2B - V430MA7B
800
600
400
300
200
150
100
80
60
40
30
20
10-2
10-1
100
101
102
V100MA4A/S
V82MA3A/S
V68MA3A/S
V56MA2A/S
V39MA2A/S
V33MA1A/S
V27MA1A/S
V22MA1A/S
V18MA1A/S
PEAK AMPERES (A)
MAX CLAMPINGVOLTAGE
DISC SIZE 3mm
18 TO 100VN(DC) RATING
TA = -55
oC TO 85oC
V47MA2A/S
10-2
10-1
100
101
102
PEAK AMPERES (A)
MAX CLAMPINGVOLTAGE
DISC SIZE 3mm
120 TO 430VN(DC) RATING
TA = -55
oC TO 85oC
4,000
2,000
1,500
1,000
800
600
400
200
100
V430MA3A
V390MA3A
V330MA2A
V270MA2A
V220MA2A
V180MA1A
V150MA1A
V120MA1A/S
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
V33MA1B
V27MA1B
V22MA1B
V100MA4B
V82MA3B
V68MA3B
V18MA1B
MAX CLAMPINGVOLTAGE
DISC SIZE 3mm
18 TO 100VN(DC) RATING
TA = -55
oC TO 85oC
V47MA2B
V56MA2B
V39MA2B
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V430MA7B
V390MA6B
V330MA5B
V270MA4B
V220MA4B
V180MA3B
V150MA2B
V120MA2B
MAXIMUM CLAMPINGVOLTAGE
DISC SIZE 3mm
120 TO 430VN(DC) RATING
TA = -55
oC TO 85oC
Transient V-I Characteristics Curves
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20µs Current Waveform:
8µs = T1 = Virtual Front Time
20µs = T2 = Virtual Time to Half Value
Axial Lead


Similar Part No. - V33MA1A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33MA1A LITTELFUSE-V33MA1A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors
V33MA1A LITTELFUSE-V33MA1A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V33MA1A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com