Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV20R115E Datasheet(PDF) 3 Page - Littelfuse

Part # TMOV20R115E
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV20R115E Datasheet(HTML) 3 Page - Littelfuse

  TMOV20R115E Datasheet HTML 1Page - Littelfuse TMOV20R115E Datasheet HTML 2Page - Littelfuse TMOV20R115E Datasheet HTML 3Page - Littelfuse TMOV20R115E Datasheet HTML 4Page - Littelfuse TMOV20R115E Datasheet HTML 5Page - Littelfuse TMOV20R115E Datasheet HTML 6Page - Littelfuse TMOV20R115E Datasheet HTML 7Page - Littelfuse TMOV20R115E Datasheet HTML 8Page - Littelfuse TMOV20R115E Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Thermally Protected
Varistor Products
26
www .littelfuse .com
TMOV® and iTMOV® Varistor Series
Device Ratings and Specifications - TMOV Varistor Series continued...
MAXIMUM RATING (85°C)
SPECIFICATIONS (25°C)
CONTINUOUS
TRANSIENT
AC
VOLTS
ENERGY
2ms
PEAK SURGE
CURRENT
8/20µs
VARISTOR
VOLTAGE AT 1mA
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8/20µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VM(AC)RMS
WTM
VN(DC)
MIN
VN(DC)
MAX
VC
IPK
C
PART
NUMBER
(V)
(J)
(V)
(V)
(A)
(pF)
TMOV14R130M
130
50
184
226
340
50
1000
TMOV20R130M
130
100
184
226
340
100
1900
TMOV14R140M
140
55
200
240
360
50
900
TMOV20R140M
140
110
200
240
360
100
1750
TMOV14R150M
150
60
216
264
395
50
800
TMOV20R150M
150
120
216
264
395
100
1600
TMOV14R175M
175
70
243
297
455
50
700
TMOV20R175M
175
135
243
297
455
100
1400
TMOV14R200M
200
75
281
344
530
50
630
TMOV20R200M
200
154
281
344
530
100
1250
TMOV14R250M
250
100
351
429
650
50
500
TMOV20R250M
250
170
351
429
650
100
1000
TMOV14R275M
275
110
387
473
710
50
450
TMOV20R275M
275
190
387
473
710
100
900
DEVICE
MODEL
NUMBER
BRAND-
ING
4T130M
20T130M
4T140M
20T140M
4T150M
20T150M
4T175M
20T175M
4T200M
20T200M
4T250M
20T250M
4T275M
20T275M
(mm)
DISC
DIA-
METER
14
20
14
20
14
20
14
20
14
20
14
20
14
20
SUPPRESSED
VOLTAGE
RATING
UL 1449
TABLE 60.1
(V)
400
400
500
400
500
400
700
700
700
700
800
700
900
700
ITM
2 x PULSE
(A)
4500
6500
4500
6500
4500
6500
4500
6500
4500
6500
4500
6500
4500
6500
ITM
1 x PULSE
(A)
6000
10000
6000
10000
6000
10000
6000
10000
6000
10000
6000
10000
6000
10000
TMOV14R115M
TMOV20R115M
4T115M
20T115M
14
20
115
300
115
300
35
52
6000
4500
10000
6500
162
198
162
198
50
100
300
1100
300
2400
TMOV14R230M
230
80
324
396
595
50
550
TMOV20R230M
230
160
324
396
595
100
1100
4T230M
20T230M
14
20
700
700
4500
6500
6000
10000
TMOV14R300M
300
125
423
517
775
50
400
TMOV20R300M
300
250
423
517
775
100
800
4T300M
20T300M
14
20
900
900
4500
6500
6000
10000
TMOV14R320E
320
136
459
561
840
50
380
TMOV20R320E
320
273
459
561
840
100
750
TMOV14R385E
TMOV20R385E
TMOV14R420E
TMOV20R420E
4T320E
20T320E
4T385E
20T385E
4T420E
20T420E
14
20
14
20
14
20
420
420
385
385
900
900
1200
1200
1200
1200
160
320
150
300
4500
6500
4500
6500
4500
6500
6000
10000
6000
10000
6000
10000
612
612
558
558
748
748
682
682
1120
1120
1025
1025
50
100
50
100
300
600
360
700
TMOV20R460E
20T460E
20
460
n/a
360
6500
10000
675
825
1240
100
200
TMOV20R510E
20T510E
20
510
n/a
325
6500
10000
738
902
1355
100
350
TMOV20R550E
TMOV20R575E
20T550E
20T575E
20
20
575
550
n/a
n/a
375
360
6500
6500
10000
10000
856
819
1047
1001
1568
1500
100
100
275
300
MAXIMUM RATING (85¡C)
SPECIFICATIONS (25¡C)
CONTINUOUS
TRANSIENT
AC
VOLTS
ENERGY
2ms
PEAK SURGE
CURRENT
8/20 s
VARISTOR
VOLTAGE AT 1mA
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8/20 s
TYPICAL
CAPACI-
TANCE
f = 1MHz
VM(AC)RMS
WTM
VN(DC)
MIN
VN(DC)
MAX
VC
IPK
C
PART
NUMBER
(V)
(J)
(V)
(V)
(A)
(pF)
TMOV20R750E
750
100
1080
1320
1980
100
175
DEVICE
MODEL
NUMBER
BRAND-
ING
20T750E
(mm)
DISC
DIA-
METER
20
SUPPRESSED
VOLTAGE
RATING
UL 1449
TABLE 60.1
(V)
n/a
ITM
2 x PULSE
(A)
6500
ITM
1 x PULSE
(A)
10000
TMOV20R625E
20T625E
20
625
n/a
52
10000
6500
900
1100
100
1650
250
Device Ratings and Specifications - iTMOV Varistor Series
NOTE: For 14mm devices with a voltage rating greater than 420V, please contact factory regarding availability.
NOTE: For 14mm devices with a voltage rating greater than 420V, please contact factory regarding availability.


Similar Part No. - TMOV20R115E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R115E LITTELFUSE-TMOV20R115E Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20R115E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com