Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V56RA8 Datasheet(PDF) 4 Page - Littelfuse

Part # V56RA8
Description  Varistor Products - Low Profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V56RA8 Datasheet(HTML) 4 Page - Littelfuse

  V56RA8 Datasheet HTML 1Page - Littelfuse V56RA8 Datasheet HTML 2Page - Littelfuse V56RA8 Datasheet HTML 3Page - Littelfuse V56RA8 Datasheet HTML 4Page - Littelfuse V56RA8 Datasheet HTML 5Page - Littelfuse V56RA8 Datasheet HTML 6Page - Littelfuse V56RA8 Datasheet HTML 7Page - Littelfuse V56RA8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
140
www .littelfuse .com
Varistor Products
RA Varistor Series
Power Dissipation Ratings
Should transients occur in rapid succession, the average power dissipation
required is simply the energy (watt-seconds) per pulse times the number
of pulses per second. The power so developed must be within the specifi-
cations shown on the Device Ratings and Specifications table for the
specific device. Furthermore, the operating values need to be derated
at high temperatures as shown in Figure 1. Because varistors can only
dissipate a relatively small amount of average power they are, therefore,
not suitable for repetitive applications that involve substantial amounts of
average power dissipation.
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110
120
130
140 150
AMBIENTTEMPERATURE ( oC)
100
90
50
10
O1
T
T1
T2
TIME
Low Profile
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20µs Current Waveform:
8µs = T1 = Virtual Front Time
20µs = T2 = Virtual Time to Half Value
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM


Similar Part No. - V56RA8

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V560MC03 ZCOMM-V560MC03 Datasheet
163Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V560MC03-LF ZCOMM-V560MC03-LF Datasheet
69Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
V560MC03-LF ZCOMM-V560MC03-LF Datasheet
88Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V560MC03-LF ZCOMM-V560MC03-LF Datasheet
84Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V560MC03-LF ZCOMM-V560MC03-LF_10 Datasheet
88Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - V56RA8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com