Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V8ZA2P Datasheet(PDF) 10 Page - Littelfuse

Part # V8ZA2P
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V8ZA2P Datasheet(HTML) 10 Page - Littelfuse

Back Button V8ZA2P Datasheet HTML 6Page - Littelfuse V8ZA2P Datasheet HTML 7Page - Littelfuse V8ZA2P Datasheet HTML 8Page - Littelfuse V8ZA2P Datasheet HTML 9Page - Littelfuse V8ZA2P Datasheet HTML 10Page - Littelfuse V8ZA2P Datasheet HTML 11Page - Littelfuse V8ZA2P Datasheet HTML 12Page - Littelfuse V8ZA2P Datasheet HTML 13Page - Littelfuse V8ZA2P Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
76
www .littelfuse .com
Varistor Products
ZA Varistor Series
Low to Medum Voltage, Radial Lead
NOTE: If pulse ratings are exceeded, a shift of VN(DC)(at specified current) of more then ±10% could result. This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but does not prevent the device from continuing to function, and to provide ample protection.
Pulse Rating Curves (Continued)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
Pb
RoHS


Similar Part No. - V8ZA2P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA2P LITTELFUSE-V8ZA2P Datasheet
825Kb / 13P
   Radial Lead Varistors
V8ZA2P LITTELFUSE-V8ZA2P Datasheet
1Mb / 14P
   ZA Varistor Series
V8ZA2P LITTELFUSE-V8ZA2P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V8ZA2P LITTELFUSE-V8ZA2P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V8ZA2P LITTELFUSE-V8ZA2P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V8ZA2P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com