Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G08DFT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC1G08DFT1
Description  2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G08DFT1 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC1G08DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G08DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G08DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G08DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G08DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G08DFT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G08DFT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G08DFT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VHC1G08
http://onsemi.com
5
Figure 4. Carrier Tape Specifications
D1
FOR COMPONENTS
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2 mm
(
±0.008”)
2.0 mm
× 1.2 mm
AND LARGER
CENTER LINES
OF CAVITY
EMBOSSMENT
USER DIRECTION OF FEED
K0
SEE
NOTE 2
P0
P2
D
E
F
W
B0
+
+
+
K
t
B1
TOP
COVER
TAPE
P
SEE NOTE 2
A0
FOR MACHINE REFERENCE
ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B0
R MIN.
TAPE AND COMPONENTS
SHALL PASS AROUND RADIUS “R”
WITHOUT DAMAGE
BENDING RADIUS
*TOP COVER
TAPE THICKNESS (t1)
0.10 mm
(0.004”) MAX.
EMBOSSED
CARRIER
EMBOSSMENT
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
MAXIMUM COMPONENT ROTATION
10
°
CAMBER (TOP VIEW)
ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
100 mm
(3.937”)
1 mm
(0.039”) MAX
250 mm
(9.843”)
1 mm MAX
TAPE
EMBOSSED CARRIER DIMENSIONS (See Notes 1 and 2)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
8 mm
4.35 mm
(0.171”)
1.5 +0.1/
–0.0 mm
(0.059
+0.004/
–0.0”)
1.0 mm
Min
(0.039”)
1.75
±0.1 mm
(0.069
±0.004”)
3.5
±0.5 mm
(1.38
±0.002”)
2.4 mm
(0.094”)
4.0
±0.10 mm
(0.157
±0.004”)
4.0
±0.1 mm
(0.156
±0.004”)
2.0
±0.1 mm
(0.079
±0.002”)
25 mm
(0.98”)
0.3
±0.05 mm
(0.01
+0.0038/
–0.0002”)
8.0
±0.3 mm
(0.315
±0.012”)
1. Metric Dimensions Govern–English are in parentheses for reference only.
2. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10
° within the determined cavity


Similar Part No. - MC74VHC1G08DFT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MC74VHC1G08DFT1 LRC-MC74VHC1G08DFT1 Datasheet
132Kb / 4P
   2-Input AND Gate
logo
E-Tech Electronics LTD
MC74VHC1G08DFT1 ETL-MC74VHC1G08DFT1 Datasheet
557Kb / 4P
   2-Input AND Gate
logo
ON Semiconductor
MC74VHC1G08DFT1G ONSEMI-MC74VHC1G08DFT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74VHC1G08DFT1G ONSEMI-MC74VHC1G08DFT1G Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08DFT1G ONSEMI-MC74VHC1G08DFT1G Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
More results

Similar Description - MC74VHC1G08DFT1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com