Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP720AB Datasheet(PDF) 5 Page - Littelfuse

Part # SP720AB
Description  TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720AB Datasheet(HTML) 5 Page - Littelfuse

  SP720AB Datasheet HTML 1Page - Littelfuse SP720AB Datasheet HTML 2Page - Littelfuse SP720AB Datasheet HTML 3Page - Littelfuse SP720AB Datasheet HTML 4Page - Littelfuse SP720AB Datasheet HTML 5Page - Littelfuse SP720AB Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
232
www .littelfuse .com
TVS Diode Arrays
Electronic Protection Array for ESD and Overvoltage Protection
SP720
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English and
Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in JE-
DEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be perpendic-
ular to datum
.
7. eB and eC are measured at the lead tips with the leads unconstrained.
eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C
A
M
BS
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.735
0.775
18.66
19.68
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N16
9
16
E16.3 (JEDEC MS-001 BB ISSUE D)
16 LEAD DUAL-IN-LINE PLASTIC PACKAGE


Similar Part No. - SP720AB

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP720AB HARRIS-SP720AB Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
Littelfuse
SP720AB LITTELFUSE-SP720AB Datasheet
169Kb / 6P
   TVS Diode Arrays
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
   SP720 Series 3pF 4kV Rail Clamp Array
logo
Harris Corporation
SP720ABT HARRIS-SP720ABT Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
Littelfuse
SP720ABT LITTELFUSE-SP720ABT Datasheet
169Kb / 6P
   TVS Diode Arrays
More results

Similar Description - SP720AB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
   TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
   TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
   SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com