Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0504BAJT Datasheet(PDF) 7 Page - Littelfuse

Part # SP0504BAJT
Description  TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAJT Datasheet(HTML) 7 Page - Littelfuse

  SP0504BAJT Datasheet HTML 1Page - Littelfuse SP0504BAJT Datasheet HTML 2Page - Littelfuse SP0504BAJT Datasheet HTML 3Page - Littelfuse SP0504BAJT Datasheet HTML 4Page - Littelfuse SP0504BAJT Datasheet HTML 5Page - Littelfuse SP0504BAJT Datasheet HTML 6Page - Littelfuse SP0504BAJT Datasheet HTML 7Page - Littelfuse SP0504BAJT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
226
www .littelfuse .com
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
b
1
2
3
4
5
6
e
E1
E
505B
e1
L1
D
A
A1
c
Outline Drawings
SP0505BAHT - SOT23-6
Recommended Pad Layout
O
P
N
M
Package
Pins
JEDEC
A
A1
b
c
D
E
E1
e
e1
L1
SOT23-6
6
MO-178
mm
inches
min
max
min
max
-
1.45
-
0.057
0
0.15
0
0.006
0.3
0.5
0.012
0.020
0.08
0.22
0.003
0.009
2.75
3.05
0.108
0.120
2.6
3.0
0.102
0.118
1.45
1.75
0.057
0.069
1.90 BSC
1.90 BSC
0.60 REF
0.60 REF
0.95 BSC
0.95 BSC
PD@70°C
.225W
M
N
O
P
2.59
.102
0.95
0.038
0.69
.027TYP
0.99
.039TYP
504 BA
E
LF
D
E1
A
A1
C
B
L1
L2
SP0504BAAT - TSSOP-8
Package
TSSOP-8
mm
inches
min
max
min
max
2.90
3.10
.144
.122
4.29
4.50
.17
.18
0.051
0.152
.002
0.006
-
0.30
-
.12TYP
-
0.66
-
.26TYP
D
E
E1
A
A1
B
C
L1
L2
0.51
0.76
.020
.030
0.102
0.203
.004
.008
6.40 REF
.252 REF
1.194 REF
.047 REF


Similar Part No. - SP0504BAJT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0504BAJT LITTELFUSE-SP0504BAJT Datasheet
315Kb / 8P
   Surface Mount TVS Avalanche Diode Array
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
178Kb / 7P
   SP050xBA Lead-Free/Green Series
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
373Kb / 9P
   30pF 30kV Unidirectional TVS Array
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0504BAJT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BA LITTELFUSE-SP0502BA Datasheet
315Kb / 8P
   Surface Mount TVS Avalanche Diode Array
logo
Bourns Electronic Solut...
CDSC706-0504F BOURNS-CDSC706-0504F Datasheet
330Kb / 4P
   Surface Mount TVS Diode Array
CDSOT236-0502 BOURNS-CDSOT236-0502 Datasheet
267Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0524P BOURNS-CDDFN10-0524P_12 Datasheet
335Kb / 4P
   Surface Mount TVS Diode Array
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
   Surface Mount TVS Diode Array
CDMSP10-0504M BOURNS-CDMSP10-0504M Datasheet
402Kb / 6P
   Surface Mount TVS Diode Array
CDSC706-0504C BOURNS-CDSC706-0504C_12 Datasheet
286Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
   Surface Mount TVS Diode Array
logo
Weitron Technology
WOST04C WEITRON-WOST04C Datasheet
409Kb / 3P
   Surface Mount TVS Diode Array
logo
Bourns Electronic Solut...
CDDFN10-3324P BOURNS-CDDFN10-3324P Datasheet
943Kb / 5P
   Surface Mount TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com