Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C4403CR-70 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # GM71C4403CR-70
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71C4403CR-70 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  GM71C4403CR-70 Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71C4403CR-70 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LG Semicon
GM71C4403C
5
Read Cycle
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tRAC
Access Time from RAS
-
60
-
70
-
80
ns
tCAC
Access Time from CAS
-
15
-
18
-
20
ns
tAA
Access Time from Address
-
30
-
35
-
40
ns
tRCS
Read Command Setup Time
0
-
0
-
0
-
ns
tRCH
Read Command Hold Time to CAS
0
-
-
-
ns
0
0
tRRH
Read Command Hold Time to RAS
0
-
-
-
ns
0
0
tRAL
Column Address to RAS Lead Time
30
-
-
-
ns
35
40
2,3,17
3, 4, 13,
17
tOFF
Output Buffer Turn-off Time
15
15
15
ns
6,21
tOAC
Access Time from OE
-
15
-
18
-
20
ns
3,17
tOEZ
Output Buffer Turn-off Time to OE
15
15
15
ns
6
tCDD
CAS to DIN Delay Time
-
-
-
ns
15
18
20
GM71C4403
C-60
GM71C4403
C-70
GM71C4403
C-80
tOEP
OE Pulse width
-
-
-
ns
15
18
20
tCAL
Column Address to CAS Lead Time
18
-
-
-
ns
23
28
tRDD
RAS to DIN Delay Time
-
-
-
ns
15
18
20
tWDD
WE to DIN Delay Time
-
-
-
ns
15
18
20
tOFR
Output Buffer Turn-off Time to RAS
15
15
-
ns
6,21
tWEZ
Output Buffer Turn-off Time to WE
15
15
-
15
15
ns
6
tOH
Output Data Hold Time
5
-
5
-
5
-
ns
tOHR
Output Data Hold Time form RAS
5
-
5
-
5
-
ns
tRCHR
Read Command Hold Time from
RAS
60
-
70
-
80
-
ns
3, 5, 13,
17
18
18
-
-
-
-
-
-
-
-
-
-


Similar Part No. - GM71C4403CR-70

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403D LG-GM71C4403D Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403D-60 LG-GM71C4403D-60 Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403D-70 LG-GM71C4403D-70 Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403D-80 LG-GM71C4403D-80 Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403DJ LG-GM71C4403DJ Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
More results

Similar Description - GM71C4403CR-70

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71S4400C LG-GM71S4400C Datasheet
104Kb / 9P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com