Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE440CA Datasheet(PDF) 3 Page - Littelfuse

Part # P4KE440CA
Description  Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4KE440CA Datasheet(HTML) 3 Page - Littelfuse

  P4KE440CA Datasheet HTML 1Page - Littelfuse P4KE440CA Datasheet HTML 2Page - Littelfuse P4KE440CA Datasheet HTML 3Page - Littelfuse P4KE440CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Avalanche Diodes
284
www .littelfuse .com
400W Axial Leaded Transient Voltage Supressors
Ratings and Characteristic Curves TA=25˚C unless otherwise noted
Fig. 5 steady Pulse Derating Curve
TA- Ambient Temperature (˚C)
0
0
25
0.25
50
0.50
75
0.75
100
1.00
125 150 175 200
Fig. 3 Pulse Waveform
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
Half Value IPPM
2
TJ=25˚C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
.375" (9.5mm)
Lead Lengths
60Hz resistive or
inductive load
1.6x1.6x.040"
(40x40x1mm)
td
Fig. 1 Peak Pulse Power Rating
td- Pulse Width (sec.)
0.1µs
1.0µs
10µs
100µs
1.0ms
10ms
0.1
1
10
100
Fig. 2 Pulse Derating Curve
TA- Ambient Temperature (˚C)
0
0
25
25
50
50
75
75
100
100
125 150 175 200
Fig. 8 Typ. Transient Thermal Impedance
td- Pulse Duration (sec.)
0.001
0.01
0.1
1
10
100 1000
1
10
100
Fig. 6- Maximum Non-Repetitive Peak
1
10
50
100
200
10
5
100
Number of Cycles at 60Hz
Forward Surge Uni-Directional Only
TJ=TJ MAX
8.3 Single Half Sine-Wave
(JEDEC Method)
Fig. 4- Typ-Junction Capacitance Uni-Directional
10000
1000
100
10
1.0
5
10
100
200
VWM-Reverse Stand-Off Voltage (V)
T - Time(ms)
Measured at
Zero Bias
TJ=25˚C
f=1.0MHZ
Vsig=50mVp-p
Measured at
Stand-Off
Voltage, VWM
Fig. 7 - Typical Reverse Leakage Characteristics
0.01
0.1
1.0
10
100
0.001
0.01
0.1
1
10
100
1000
CV
RR
- Breakdown Voltage (V)
P4KE Series
®
RoHS


Similar Part No. - P4KE440CA

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4KE440CA YFWDIODE-P4KE440CA Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4KE440CA PANJIT-P4KE440CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Littelfuse
P4KE440CA LITTELFUSE-P4KE440CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P4KE440CA LUGUANG-P4KE440CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Jinan Jing Heng Electro...
P4KE440CA JINGHENG-P4KE440CA Datasheet
186Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
More results

Similar Description - P4KE440CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P4KE6.8CA SUNMATE-P4KE6.8CA Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com