Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4008V Datasheet(PDF) 7 Page - Littelfuse

Part # S4008V
Description  SCRs (1 A to 70 A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008V Datasheet(HTML) 7 Page - Littelfuse

Back Button S4008V Datasheet HTML 3Page - Littelfuse S4008V Datasheet HTML 4Page - Littelfuse S4008V Datasheet HTML 5Page - Littelfuse S4008V Datasheet HTML 6Page - Littelfuse S4008V Datasheet HTML 7Page - Littelfuse S4008V Datasheet HTML 8Page - Littelfuse S4008V Datasheet HTML 9Page - Littelfuse S4008V Datasheet HTML 10Page - Littelfuse S4008V Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheets
SCRs
©2004 Littelfuse, Inc.
E6 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.1 Maximum Allowable Ambient Temperature versus
RMS On-state Current
Figure E6.2 Maximum Allowable Ambient Temperature versus
Average On-state Current
Figure E6.3 Peak Capacitor Discharge Current (6 A through 55 A)
Figure E6.4 Peak Capacitor Discharge Current Derating
(6 A through 55 A)
Figure E6.5 Maximum Allowable Case Temperature versus
RMS On-state Current (1 A)
Figure E6.6 Maximum Allowable Case Temperature versus
RMS On-state Current (6 A, 8 A, and 10 A)
20
40
60
80
100
120
0
0.2
0.4
0.6 0.8
1.0
1.2 1.4
1.6
1.8
2.0 2.2
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
FREE AIR RATING
RMS On-state Current [IT(RMS)] – Amps
8 A TO-220 (Non-isolated)
6 A TO-220 (Isolated) and
6 A TO-202 (Types 1 and 3)
1 A TO-92
6 A TO-202
(Types 2 and 4)
and 6 A TO-251
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Average On-state Current [IT(AV)] – Amps
8 A TO-220 (Non-isolated)
6 A TO-220 (Isolated) and
6 A TO-202 (Types 1 and 3)
1 A TO-92
6 A TO-202
(Types 2 and 4)
and 6 A TO-251
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
FREE AIR RATING
0.5
1.0
2.0
5.0
10
20
50
20
50
100
200
300
1000
Pulse Current Duration (tw) – ms
tw
ITM
tw = 5 times constants
6 A to 10 A Devices
12 A Devices
25 A Devices
55 A Devices
15 A and 16 A
Devices
25
50
75
100
125
0
0.2
0.4
0.6
0.8
1.0
Case Temperature (TC) – ˚C
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
0
0.4
0.8
1.2
0.6
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawing
1.0
0.2
1 A Devices
02
46
8
10
12
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180º
CASE TEMPERATURE: Measure as
shown on dimensional drawings
RMS On-state Current [IT(RMS)] – Amps
8 A TO-220 (Isolated)
and 8 A TO-202
6 A Devices
8 A TO-220 (Non-isolated)
TO-251 and TO-252
10 A TO-220 (Isolated)
and 10 A TO-202


Similar Part No. - S4008V

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4008V TECCOR-S4008V Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4008V LITTELFUSE-S4008V Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
S4008V LITTELFUSE-S4008V Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S4008V ETC2-S4008V Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
S4008V LITTELFUSE-S4008V Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - S4008V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
   Standard 25 A SCRs
August 2014 Rev 9
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
   16 A standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com