Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QK008VH4 Datasheet(PDF) 9 Page - Littelfuse

Part # QK008VH4
Description  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QK008VH4 Datasheet(HTML) 9 Page - Littelfuse

Back Button QK008VH4 Datasheet HTML 2Page - Littelfuse QK008VH4 Datasheet HTML 3Page - Littelfuse QK008VH4 Datasheet HTML 4Page - Littelfuse QK008VH4 Datasheet HTML 5Page - Littelfuse QK008VH4 Datasheet HTML 6Page - Littelfuse QK008VH4 Datasheet HTML 7Page - Littelfuse QK008VH4 Datasheet HTML 8Page - Littelfuse QK008VH4 Datasheet HTML 9Page - Littelfuse QK008VH4 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E4.13 Power Dissipation (Typical) versus On-state Current
(6 A to 12 A)
Figure E4.14 Power Dissipation (Typical) versus On-state Current
(16 A)
Figure E4.15 Power Dissipation (Typical) versus On-state Current
(25 A to 40 A)
Figure E4.16 Maximum Allowable Ambient Temperature versus
On-state Current
0123456789
10 11 12 13 14 15 16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [l
T(RMS)] – AmpsS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
6A to 12A Devices
02
46
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or inductive
CONDUCTION ANGLE: 360˚
16A Devices
012
20
28
36
4
16
24
32
40
8
0
5
10
15
20
25
30
35
40
45
RMS On-State Current [IT(RMS)]—Amps
25 A
40 A
Current Waveform: Sinusoidal
Load: Resistive or Inductive
Conduction Angle: 360˚
30 A and
35 A Devices
120
100
80
60
40
25
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TO-220 Devices
RMS On-state Current [IT (RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
FREE AIR RATING – NO HEATSINK
TO-251 Devices


Similar Part No. - QK008VH4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QK008VH4 ETC2-QK008VH4 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

Similar Description - QK008VH4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com