Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE110CA Datasheet(PDF) 1 Page - Littelfuse

Part # P4KE110CA
Description  Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4KE110CA Datasheet(HTML) 1 Page - Littelfuse

  P4KE110CA Datasheet HTML 1Page - Littelfuse P4KE110CA Datasheet HTML 2Page - Littelfuse P4KE110CA Datasheet HTML 3Page - Littelfuse P4KE110CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
282
www .littelfuse .com
400W Axial Leaded Transient Voltage Supressors
FEATURES
RoHS compliant
Plastic package
Glass passivated chip junction in DO-41 Package
400W surge capability at 10/1000 µs wave form
Excellent clamping capability
Low zener impedance
Fast response time: typically less than 1.0ps from 0 Volts
to BV min.
Typical IR less than 1µA above 10V
(9.5mm) lead length, 5lbs., (2.3kg) tension
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Number: E128662
P4KE Series
®
MAXIMUM RATINGS AND CHARACTERISTICS
@25˚C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER
Peak Pulse Power Dissipation at
TA=25˚C, TP=1ms (note 1)
Steady State Power Dissipation at
TL=75˚C, Lead lenghts .375”,
(9.5mm)(note2)
Peak Forward Surge Current, 8.3ms
Single Half SIne Wave Superimposed
on Rated Load, (JEDEC Method)
(note 3)
Operating junction and Storage
Temperature Range
VALUE
Min
400
1
40
-55 to +175
UNIT
Watts
Watts
Amps
°C
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above
TA=25˚C per Fig 2.
2. 8.3ms single half sine-wave , or equivalent square wave, Duty
cycle = 4 pulses per minutes maximum.
SYMBOL
PPPM
PM(AV)
IFSM
Tj, TsTG
P4KE
C A
Voltage
Bi-Directional
Packaging Option
5% Voltage Tolerance
B= Bulk (500 pcs)
T= Tape and reeled (5000 pcs)
ORDERING INFORMATION
Mechanical Specifications:
Weight:
0.012ounce, 0.3 gram
Case:
JEDEC DO-41 Molded Plastic over
passivated junction
Mounting Position:
Any
Polarity:
Color band denotes cathode except
Bipolar
Terminal:
Plated Axial leads, solderable per
MIL-STD-750, Method 2026
RoHS


Similar Part No. - P4KE110CA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
P4KE110CA HY-P4KE110CA Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Pan Jit International I...
P4KE110CA PANJIT-P4KE110CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Littelfuse
P4KE110CA LITTELFUSE-P4KE110CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P4KE110CA LUGUANG-P4KE110CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Jinan Jing Heng Electro...
P4KE110CA JINGHENG-P4KE110CA Datasheet
186Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
More results

Similar Description - P4KE110CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P4KE6.8CA SUNMATE-P4KE6.8CA Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com