Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA33A Datasheet(PDF) 4 Page - Littelfuse

Part # SA33A
Description  Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA33A Datasheet(HTML) 4 Page - Littelfuse

  SA33A Datasheet HTML 1Page - Littelfuse SA33A Datasheet HTML 2Page - Littelfuse SA33A Datasheet HTML 3Page - Littelfuse SA33A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicon Avalanche Diodes
289
www .littelfuse .com
6
500 Watt Axial Leaded Transient Voltage Suppressors
®
Outline Dimensions
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
DIA.
DO-204AC
(DO-15)
Dimensions in inches and (millimeters)
SA Series
RoHS


Similar Part No. - SA33A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA33A TSC-SA33A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA33A MOTOROLA-SA33A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
RFE international
SA33A RFE-SA33A Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Vishay Siliconix
SA33A VISHAY-SA33A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Won-Top Electronics
SA33A WTE-SA33A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA33A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com