Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1021A350 Datasheet(PDF) 2 Page - Littelfuse

Part # SL1021A350
Description  Gas Discharge Tubes - High Performance Beta Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1021A350 Datasheet(HTML) 2 Page - Littelfuse

  SL1021A350 Datasheet HTML 1Page - Littelfuse SL1021A350 Datasheet HTML 2Page - Littelfuse SL1021A350 Datasheet HTML 3Page - Littelfuse SL1021A350 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
336
www .littelfuse .com
Gas Discharge Tubes
Part Number
SL1021A145
SL1021A150
SL1021A2006
SL1021A230
SL1021A250
SL1021A2607
SL1021A300
SL1021A350
SL1021A400
SL1021A420
SL1021A450
SL1021A500
SL1021A600
DC Voltage
@ 100V/sec
(V)
145
150
200
230
250
260
300
350
400
420
450
500
600
DC
Breakover
Voltage
Min-Max
(V)
116-174
120-180
150-250
184-276
200-300
210-310
240-360
280-420
320-480
345-500
360-540
400-500
480-720
DC
Dynamic
Breakover
Voltage @
100/µs (V)
500
500
350
350
400
420
450
500
550
600
650
700
850
Max
Alternating
Discharge
Current1,3
(A)
10
10
10
10
10
10
10
10
10
10
10
10
10
Max Single
Impulse
Discharge
Current
10/350µs5
(kA)
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Max Single
Impulse
Discharge
Current
8/20µs5
(kA)
20
20
20
20
20
20
20
20
20
20
20
20
20
Max
Repetitive
Impulse
Discharge
Current
8/20µs1,4 (kA)
10
10
10
10
10
10
10
10
10
10
10
10
10
Life Test
Rating2
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
100 shots
(1) Total current through center (ground) electrode, both line electrodes pulsed simultaneously; half value through
each respective line terminal.
(2) 100 amps, 10/1000µS pulse (does not apply to SL1021A200)
(3) 10 shots, A.C. 60Hz, 1 sec duration.
(4) 10 shots, 8/20µS waveform
(5) either end (line) electrode to centre (ground) electrode
(6) Meets the requirements of BT Type 21A.
(7) Meets the requirements of BT Type 14A. Addition of ‘F’ (failsafe) option meets the requirements of BT type
number 14A/1.
LITTELFUSE 3 TERMINAL ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Greentube™ SL1021A Series Gas Plasma Arresters
High Performance Beta Range
Single
Impulse
Discharge
Current8
(kA)
40
40
40
40
40
40
40
40
40
40
40
40
40
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs Time Characteristic
50
45
40
35
30
25
20
15
10
5
0
0
1
2
3
4
5
6
Current
(A)
1 line to ground
both lines to ground
Time vs. Current for Failsafe
®
Pb
RoHS


Similar Part No. - SL1021A350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL1021A350 ETC1-SL1021A350 Datasheet
78Kb / 2P
   Medium / Heavy Duty Arrester Series
logo
Littelfuse
SL1021A350 LITTELFUSE-SL1021A350 Datasheet
272Kb / 4P
   Gas Discharge Tubes
SL1021A350 LITTELFUSE-SL1021A350 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A350 LITTELFUSE-SL1021A350 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1021A350 LITTELFUSE-SL1021A350 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
More results

Similar Description - SL1021A350

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
HV275A LITTELFUSE-HV275A Datasheet
80Kb / 2P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A LITTELFUSE-SL1011A Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1122A LITTELFUSE-SL1122A Datasheet
99Kb / 2P
   Gas Discharge Tubes - High Performance Alpha Range
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com