Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA68CA Datasheet(PDF) 4 Page - Littelfuse

Part # P4SMA68CA
Description  Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4SMA68CA Datasheet(HTML) 4 Page - Littelfuse

  P4SMA68CA Datasheet HTML 1Page - Littelfuse P4SMA68CA Datasheet HTML 2Page - Littelfuse P4SMA68CA Datasheet HTML 3Page - Littelfuse P4SMA68CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicon Avalanche Diodes
261
www .littelfuse .com
6
400W Surface Mount Transient Voltage Supressors
P4SMA Series
RoHS
DO-214AC (SMA)
0.177 (4.50)
0.157(3.99)
0.110 (2.79)
0.100 (2.54)
0.065 (1.65)
0.049 (1.25)
0.012 (0.305)
0.006 (0.152)
0.060 (1.52)
0.030 (0.76)
0.208 (5.28)
0.194 (4.93)
0.090 (2.29)
0.078 (1.98)
0.008 (0.203) MAX
Dimensions in inches and (millimeters)
Cathode Band
Package Outline Dimensions and Pad Layouts


Similar Part No. - P4SMA68CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA68CA TSC-P4SMA68CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Littelfuse
P4SMA68CA LITTELFUSE-P4SMA68CA Datasheet
1Mb / 6P
   P4SMA Series
logo
Pan Jit International I...
P4SMA68CA PANJIT-P4SMA68CA Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
P4SMA68CA BOURNS-P4SMA68CA Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
TAITRON Components Inco...
P4SMA68CA TAITRON-P4SMA68CA Datasheet
244Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA68CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com