Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q2004F31 Datasheet(PDF) 7 Page - Littelfuse

Part # Q2004F31
Description  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q2004F31 Datasheet(HTML) 7 Page - Littelfuse

Back Button Q2004F31 Datasheet HTML 2Page - Littelfuse Q2004F31 Datasheet HTML 3Page - Littelfuse Q2004F31 Datasheet HTML 4Page - Littelfuse Q2004F31 Datasheet HTML 5Page - Littelfuse Q2004F31 Datasheet HTML 6Page - Littelfuse Q2004F31 Datasheet HTML 7Page - Littelfuse Q2004F31 Datasheet HTML 8Page - Littelfuse Q2004F31 Datasheet HTML 9Page - Littelfuse Q2004F31 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheets
Triacs
©2004 Littelfuse, Inc.
E2 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E2.1 Maximum Allowable Case Temperature versus On-state
Current (0.8 A and 1 A)
Figure E2.2 Maximum Allowable Case Temperature versus On-state
Current (4 A and 6 A)
Figure E2.3 Maximum Allowable Case Temperature versus
On-state Current (8 A and 10 A)
Figure E2.4 Maximum Allowable Case Temperature versus
On-state Current (10 A)
Figure E2.5 Maximum Allowable Case Temperature versus
On-state Current (15 A)
Figure E2.6 Maximum Allowable Case Temperature versus
On-state Current (25 A and 35 A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – AMPS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured
as shown on Dimensional Drawing
1 A
0.8 A
01234567
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
6 A TO-220 (Isolated)
6 A TO-202
6 A TO-220 (Non-isolated)
6 A D2Pak
4 A TO-220 (Isolated)
4 A TO-202 (Type 1 and 3)
4 A TO-252
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
4 A TO-202 (TYPE 2 and 4)
4 A TO-251
0246810
12
14
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – AMPS
10 A TO-220 (Isolated)
8 A TO-220 (Non-isolated)
8 A D2Pak
8 A TO-202
8 A TO-220 (Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
10 A TO-202
10 A TO-220 (Non-isolated)
10 A D2Pak
0
5
10
15
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – AMPS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
15 A TO-220 (Non-isolated)
15 A D2Pak
15 A TO-220 (Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
25 A TO-220 (Non-isolated)
25 A D2Pak
25 A TO-3 Fastpak
35 A TO-3 Fastpak


Similar Part No. - Q2004F31

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
Q2004F31 NJSEMI-Q2004F31 Datasheet
511Kb / 5P
   RoHS Compliant
More results

Similar Description - Q2004F31

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com