Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE11CA Datasheet(PDF) 4 Page - Littelfuse

Part # P6KE11CA
Description  Silicon Avalanche Diodes - Silicon Avalanche Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6KE11CA Datasheet(HTML) 4 Page - Littelfuse

  P6KE11CA Datasheet HTML 1Page - Littelfuse P6KE11CA Datasheet HTML 2Page - Littelfuse P6KE11CA Datasheet HTML 3Page - Littelfuse P6KE11CA Datasheet HTML 4Page - Littelfuse P6KE11CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Silicon Avalanche Diodes
288
www .littelfuse .com
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @
IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
Suffix ‘C’ denotes Bi-directional device. Suffix ‘A’ denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1.
For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2.
VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 50A, 300 µS square wave.
* Preferred voltages.
Max
Voltage
Temperature
Variation
of VBR (mV/°C)
P6KE Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
P6KE33*
P6KE33A*
P6KE36*
P6KE36A*
P6KE39
P6KE39A
P6KE43
P6KE43A
P6KE47
P6KE47A
P6KE51
P6KE51A
P6KE56
P6KE56A
P6KE62
P6KE62A
P6KE68
P6KE68A
P6KE75
P6KE75A
P6KE82
P6KE82A
P6KE91
P6KE91A
P6KE100
P6KE100A
P6KE110
P6KE110A
P6KE120
P6KE120A
P6KE130
P6KE130A
P6KE150
P6KE150A
P6KE160
P6KE160A
P6KE33C
P6KE33CA
P6KE36C
P6KE36CA
P6KE39C
P6KE39CA
P6KE43C
P6KE43CA
P6KE47C
P6KE47CA
P6KE51C*
P6KE51CA*
P6KE56C
P6KE56CA
P6KE62C
P6KE62CA
P6KE68C*
P6KE68CA*
P6KE75C
P6KE75CA
P6KE82C
P6KE82CA
P6KE91C
P6KE91CA
P6KE100C
P6KE100CA
P6KE110C
P6KE110CA
P6KE120C
P6KE120CA
P6KE130C
P6KE130CA
P6KE150C
P6KE150CA
P6KE160C
P6KE160CA
26.80
28.20
29.10
30.80
31.60
33.30
34.80
36.80
38.10
40.20
41.30
43.60
45.4
47.8
50.2
53.0
55.1
58.1
60.7
64.1
66.4
70.1
73.7
77.8
81.0
85.5
89.2
94.0
97.2
102.0
105.0
111.0
121.0
128.0
130.0
136.0
MIN
29.70
31.40
32.40
34.20
35.10
37.10
38.70
40.90
42.30
44.70
45.90
48.50
50.4
53.2
55.8
58.9
61.2
64.6
67.5
71.3
73.8
77.9
81.9
86.5
90.0
95.0
99.0
105.0
108.0
114.0
117.0
124.0
135.0
143.0
144.0
152.0
MAX
36.30
34.70
39.60
37.80
42.90
41.00
47.30
45.20
51.70
49.40
56.10
53.60
61.6
58.8
68.2
65.1
74.8
71.4
82.5
78.8
90.2
86.1
100.0
95.5
110.0
105.0
121.0
116.0
132.0
126.0
143.0
137.0
165.0
158.0
176.0
168.0
(mA
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
47.7
45.7
52.0
49.9
56.4
53.9
61.9
59.3
67.8
64.8
73.5
70.1
80.5
77.0
89.0
85.0
98.0
92.0
108.0
103.0
118.0
113.0
131.0
125.0
144.0
137.0
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
12.6
13.2
11.6
12.0
10.5
11.2
9.6
10.1
8.9
9.3
8.2
8.6
7.40
7.80
6.80
7.10
6.10
6.50
5.50
5.80
5.10
5.30
4.50
4.80
4.20
4.40
3.80
4.00
3.50
3.60
3.20
3.30
2.80
2.90
2.60
2.70
0.098
0.098
0.099
0.099
0.100
0.100
0.101
0.101
0.101
0.101
0.102
0.102
0.103
0.103
0.104
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
600 Watt Axial Transient Voltage Suppressors
®


Similar Part No. - P6KE11CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE11CA PANJIT-P6KE11CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
HuaXinAn Electronics CO...
P6KE11CA HUAXINAN-P6KE11CA Datasheet
371Kb / 5P
   Transient Voltage Suppressors
logo
TAITRON Components Inco...
P6KE11CA TAITRON-P6KE11CA Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
UN Semiconducctor INC
P6KE11CA UNSEMI-P6KE11CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P6KE11CA SOCAY-P6KE11CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE11CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
SMBJ28AHE3 LITTELFUSE-SMBJ28AHE3 Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com